Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 30Page - Analog Devices LTM2886 Datasheet HTML 31Page - Analog Devices LTM2886 Datasheet HTML 32Page - Analog Devices LTM2886 Datasheet HTML 33Page - Analog Devices LTM2886 Datasheet HTML 34Page - Analog Devices LTM2886 Datasheet HTML 35Page - Analog Devices LTM2886 Datasheet HTML 36Page - Analog Devices LTM2886 Datasheet HTML 37Page - Analog Devices LTM2886 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
LTM2886
34
Rev C
For more information www.analog.com/LTM2886
Figure 27. 12-Cell Battery Stack Monitor with Isolated SPI Interface and Low Power Shutdown
TYPICAL APPLICATIONS
ON
CS
I2
CS2
LTM2886-3S
VL
VCC
GND
SDI
SDI2
SCK
DO2
SCK2
V–
AVCC2
V+
VCC2
SDO
SDO2
DO1
I1
GND2
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
L7
K6
L8
L6
L1
K1
K2
SCKO
LTC6803-1
VMODE
CSI
CSO
SDO
SDI
SDOI
SCKI
V+
C12
42
44
43
41
40
S12
WDT
GPIO2
GPIO1
C11
S11
39
38
37
3
1
2
4
5
6
7
8
1µF
µC
CS
MISO
VCC
GND
3.3V
MOSI
SCK
S10
VREF
NC
TOS
C10
VREG
C9
S9
35
36
34
33
10
9
11
12
C8
NC
VTEMP2
VTEMP1
S8
C7
32
31
30
13
14
15
C6
S2
V–
S1
S7
C1
S6
C5
28
29
27
26
17
16
18
19
S5
C3
C2
S3
C4
S4
25
24
23
20
21
22
1µF
1µF
100k
100k
100k
100k
3.3k
3.3k
3.3k
3.3k
SDOE
2886 F27
74LVC3G07
LTM2886-3I
3.3V
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
L7
1µF
K6
L8
L6
L1
K1
K2
SCL
µC
SDA
VCC
GND
10k
10k
ON
DI1
DNC
O1
VL
VCC
GND
SDA
SDA2
GND
SCL
DNC
SCL2
V–
AVCC2
V+
VCC2
DO2
I2
DO1
I1
GND2
LTC4151
SHDN
ADIN
SDA
SCL
GND
ADR0
ADR1
48V
SENSE–
SENSE+
VIN
VOUT
1.37k
1%
0.02
100k AT 25°C, 1%
VISHAY 2381 6154.104
NADIN IS THE DIGITAL CODE MEASURED
BY THE ADC AT THE ADIN PIN
TC
LN
N
CT
ADIN
()
.
,
°=
+−


−− °<
3950
8 965
1000
1
273 40
<<°
150 C
2886 F28
Figure 28. Isolated I2C Voltage, Current and Temperature Power Supply Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com