Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 22Page - Analog Devices LTM2886 Datasheet HTML 23Page - Analog Devices LTM2886 Datasheet HTML 24Page - Analog Devices LTM2886 Datasheet HTML 25Page - Analog Devices LTM2886 Datasheet HTML 26Page - Analog Devices LTM2886 Datasheet HTML 27Page - Analog Devices LTM2886 Datasheet HTML 28Page - Analog Devices LTM2886 Datasheet HTML 29Page - Analog Devices LTM2886 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
LTM2886
26
Rev C
For more information www.analog.com/LTM2886
APPLICATIONS INFORMATION
Figure 17. LTM2886 Low EMI Demo Board Layout
conduction. The drawback of using ground planes,
where EMI is of concern, is the creation of a dipole
antenna structure which can radiate differential volt-
agesformedbetweenGNDandGND2.Ifgroundplanes
are used it is recommended to minimize their area,
and use contiguous planes as any openings or splits
can exacerbate RF emissions.
• For large ground planes a small capacitance (≤330pF)
from GND to GND2, either discrete or embedded
within the substrate, provides a low impedance cur-
rent return path for the module parasitic capacitance,
minimizinganyhighfrequencydifferentialvoltagesand
substantially reducing radiated emissions. Discrete
capacitance will not be as effective due to parasitic
ESL. In addition, voltage rating, leakage, and clear-
ance must be considered for component selection.
Embedding the capacitance within the PCB substrate
provides a near ideal capacitor and eliminates com-
ponent selection issues; however, the PCB must be
four layers. Care must be exercised in applying either
technique to ensure the voltage rating of the barrier
is not compromised.
• In applications without an embedded PCB substrate
capacitance a slot may be added between the logic
side and isolated side device pins. The slot extends
the creepage path between terminals on the PCB side,
andmayreduceleakagecausedbyPCBcontamination.
The slot should be placed in the middle of the device
and extend beyond the package perimeter.
The PCB layout in Figures 17 and 18 shows the low EMI
demo board for the LTM2886. The demo board uses a
combination of EMI mitigation techniques, including both
embedded PCB bridge capacitance and discrete GND to
GND2 capacitors. Two safety rated type Y2 capacitors are
used in series, manufactured by MuRata, part number
GA342QR7GF471KW01L. The embedded capacitor ef-
fectively suppresses emissions above 400MHz, whereas
the discrete capacitors are more effective below 400MHz.
EMI performance is shown in Figure 19, measured using
a Gigahertz Transverse Electromagnetic (GTEM) cell and
method detailed in IEC 61000-4-20, Testing and Measure-
ment Techniques – Emission and Immunity Testing in
Transverse Electromagnetic Waveguides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com