Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 24Page - Analog Devices LTM2886 Datasheet HTML 25Page - Analog Devices LTM2886 Datasheet HTML 26Page - Analog Devices LTM2886 Datasheet HTML 27Page - Analog Devices LTM2886 Datasheet HTML 28Page - Analog Devices LTM2886 Datasheet HTML 29Page - Analog Devices LTM2886 Datasheet HTML 30Page - Analog Devices LTM2886 Datasheet HTML 31Page - Analog Devices LTM2886 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
LTM2886
28
Rev C
For more information www.analog.com/LTM2886
LTM2886-5I
5V
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B3
L2
L5
L4
L3
L7
1µF
K6
L8
L6
L1
K1
K4
SCL
µC
SDA
VCC
GND
VREF
LTC2301, ADC
SDA
VDD
GND
AD0
AD1
REFC
GND
IN–
IN+
12
10
11
1
2
7
9
8
6
5
GND
SCL
ADC
DAC
3
4
REF
LTC2631A-LM12, DAC
CA0 R_SEL
SCL
SDA
VOUT
GND
VCC
3
1
3
2
4
8
5V
1
2
4
6
8
7
5
0.1µF
0.1µF
0.1µF
1µF
1.7k
1.7k
ON
DI1
DNC
O1
VL
VCC
GND
SDA
SDA2
GND
SCL
DNC
SCL2
V–
AVCC2
V+
–5V
5V
1.25V
2.5V F.S.
4V F.S.
2.5V
VCC2
DO2
I2
DO1
I1
GND2
–
+
4
5
7
6
±5V
OUT
0.1µF
5V
–5V
0.1µF
+
–
8
1
9
2
10
3
1/2 LTC2055
LT1991
G = 4
5
6
7
–
+
1/2 LTC2055
1µF
10µF
0.1µF
4
7
5
6
0.1µF
5V
RA1, 10k
VISHAY, OSOPTA1002AT1
±5V
IN
2886 F20
–5V
0.1µF
3
2
–
+
LT1218L
Figure 20. Isolated I2C 12-Bit, ±5V Analog Input and Output
TYPICAL APPLICATIONS
APPLICATIONS INFORMATION
Figure 19. LTM2886 Low EMI Demo Board Emissions
FREQUENCY (MHz)
0
–30
–20
0
10
20
600 700 800 900
60
2886 F19
–10
100 200 300 400 500
1000
30
40
50
DETECTOR = QuasiPeak
RBW = 120kHz
VBW = 300kHz
SWEEP TIME = 17s
# OF POINTS = 501
DC1790A-A
DC1790A-B
CISPR 22 CLASS B LIMIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com