Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 32 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 28Page - Analog Devices LTM2886 Datasheet HTML 29Page - Analog Devices LTM2886 Datasheet HTML 30Page - Analog Devices LTM2886 Datasheet HTML 31Page - Analog Devices LTM2886 Datasheet HTML 32Page - Analog Devices LTM2886 Datasheet HTML 33Page - Analog Devices LTM2886 Datasheet HTML 34Page - Analog Devices LTM2886 Datasheet HTML 35Page - Analog Devices LTM2886 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LTM2886
32
Rev C
For more information www.analog.com/LTM2886
TYPICAL APPLICATIONS
Figure 25. Quad 16-Bit ±5V Output Range DAC
–5V
2886 F25
LTM2886-3S
3.3V
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
L7
1µF
K6
L8
L6
L1
K1
K2
SCK
µC
MOSI
VCC
GND
VOUTC
LTC2654-L16
SDO
CS
VOUTA
SDI
SCK
VOUTB
CLR
VOUTD
REFLO
8
7
9
11
10
13
2
VCC
REFOUT
LDAC
REFC
4
14
1
15
6
5
3
GND
PORSEL
12
16
3
4
2
5
1
0.1µF
0.1µF
ON
CS
I2
CS2
VL
VCC
GND
SDI
SDI2
SDOE
SCK
DO2
SCK2
V–
AVCC2
V+
–5V
5V
5V
VCC2
SDO
CS
MISO
SDO2
DO1
I1
GND2
–
+
4
5
7
6
±5V OUTA
0.1µF
5V
–5V
0.1µF
8
1
9
2
10
3
LTC2054
4
5
7
6
±5V OUTB
0.1µF
5V
0.1µF
+
–
+
–
8
1
9
2
10
3
LT1991
G = 4
–5V
4
5
7
6
±5V OUTC
0.1µF
5V
0.1µF
+
–
8
1
9
2
10
3
LT1991
G = 4
–5V
4
5
7
6
±5V OUTD
0.1µF
5V
0.1µF
+
–
8
1
9
2
10
3
LT1991
G = 4
0.1µF
LT1991
G = 4
1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com