Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 7Page - Analog Devices LTM2886 Datasheet HTML 8Page - Analog Devices LTM2886 Datasheet HTML 9Page - Analog Devices LTM2886 Datasheet HTML 10Page - Analog Devices LTM2886 Datasheet HTML 11Page - Analog Devices LTM2886 Datasheet HTML 12Page - Analog Devices LTM2886 Datasheet HTML 13Page - Analog Devices LTM2886 Datasheet HTML 14Page - Analog Devices LTM2886 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LTM2886
11
Rev C
For more information www.analog.com/LTM2886
TYPICAL PERFORMANCE CHARACTERISTICS
VCC Supply Current
vs Single Channel Data Rate
Logic Input Threshold
vs VL Supply Voltage
Logic Output Voltage
vs Load Current
TA = 25°C, LTM2886-3 VCC = 3.3V,
LTM2886-5 VCC = 5V, VL = 3.3V, GND = GND2 = 0V, ON = VL unless otherwise noted.
VCC2 Noise
V+ Noise
V– Noise
Isolated Supply Efficiency with
Equal Load Current
Power On Sequence
Derating for 125°C Maximum
Internal Operating Temperature
1ms/DIV
2mV/DIV
2886 G28
LOAD = 100mA
1ms/DIV
2886 G29
2mV/DIV
LOAD = 100mA
1ms/DIV
2mV/DIV
2886 G30
LOAD = 100mA
DATA RATE (Hz)
1k
70
60
20
30
40
50
10
100k
10k
1M
2886 G31
100M
10M
VCC = 5V
CL = 1nF
CL = 330pF
CL = 100pF
CL = 20pF
VL SUPPLY VOLTAGE (V)
1
3.5
2.5
0.5
1.0
2.0
3.0
1.5
0
4
5
2
2886 G32
6
3
INPUT RISING
INPUT FALLING
|LOAD CURRENT| (mA)
0
6
1
2
3
4
5
0
2
1
3
2886 G33
10
9
8
7
6
5
4
VL = 5.5V
VL = 3.3V
VL = 1.62V
100µs/DIV
2.5V/DIV
1V/DIV
V–
ON
VCC2
V+
2886 G34
LTM2886-5, VL = 5V
LOAD CURRENT (mA)
0
70
60
20
10
30
50
40
0
1.4
0.2
0.4
0.6
1.0
0.8
1.2
0.0
50 60
10 20 30 40
70 80 90
2886 G35
100
EFFICIENCY
POWER LOSS
LTM2886-3, VCC = 3.3V
LTM2886-5, VCC = 5V
BASED ON THERMAL IMAGING
OF DEMO CIRCUIT 1790A
VCC2, V+, V– EQUALLY LOADED
LTM2886-3, VCC = 3.3V
LTM2886-5, VCC = 5V
TEMPERATURE (°C)
0
25
50
75
100
125
0
100
200
300
400
500
600
2886 G36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com