Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 3Page - Analog Devices LTM2886 Datasheet HTML 4Page - Analog Devices LTM2886 Datasheet HTML 5Page - Analog Devices LTM2886 Datasheet HTML 6Page - Analog Devices LTM2886 Datasheet HTML 7Page - Analog Devices LTM2886 Datasheet HTML 8Page - Analog Devices LTM2886 Datasheet HTML 9Page - Analog Devices LTM2886 Datasheet HTML 10Page - Analog Devices LTM2886 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LTM2886
7
Rev C
For more information www.analog.com/LTM2886
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by design and not subject to production test.
Note 3: Maximum Data rate is guaranteed by other measured parameters
and is not tested directly.
Note 4: This Module includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above specified maximum operating junction
temperature may result in device degradation or failure.
Note 5: Device considered a 2-terminal device. Pin group A1 through B8
shorted together and pin group K1 through L8 shorted together.
Note 6: The rated dielectric insulation voltage should not be interpreted as
a continuous voltage rating.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VISO
Rated Dielectric Insulation Voltage
1 Minute, Derived from 1 Second Test
1 Second (Notes 5, 6)
2500
3000
VRMS
VRMS
Common Mode Transient Immunity
LTM2886-3 VCC = 3.3V, LTM2885-5 VCC = 5V,
VL = ON = 3.3V, VCM = 1kV, Δt = 33ns (Note 2)
30
kV/µs
VIORM
Maximum Continuous Working Voltage
(Notes 2, 5)
560
400
VPEAK,
VDC
VRMS
Partial Discharge
VPD = 750VRMS (Note 5)
5
pC
CTI
Comparative Tracking Index
IEC 60112 (Note 2)
600
VRMS
Depth of Erosion
IEC 60112 (Note 2)
0.017
mm
DTI
Distance Through Insulation
(Note 2)
0.06
mm
Input to Output Resistance
(Notes 2, 5)
109
Ω
Input to Output Capacitance
(Notes 2, 5)
6
pF
Creepage Distance
(Note 2)
9.5
mm
ISOLATION CHARACTERISTICS T
A = 25°C.
TYPICAL PERFORMANCE CHARACTERISTICS
Isolated Supplies
vs Equal Load Current
VCC Supply Current
vs Temperature
Isolated Supplies
vs Equal Load Current
TA = 25°C, LTM2886-3 VCC = 3.3V,
LTM2886-5 VCC = 5V, VL = 3.3V, GND = GND2 = 0V, ON = VL unless otherwise noted.
TEMPERATURE (°C)
–50
30
25
15
20
10
50
0
100
2886 G01
125
25
–25
75
LTM2886-3
VCC = 3.3V
LTM2886-5
VCC = 5V
NO LOAD, REFRESH DATA ONLY
LOAD CURRENT (mA)
0
5.50
4.25
4.50
4.75
5.00
5.25
4.00
50
30
40
10
20
2886 G02
60
VCC2
V+
|V–|
LTM2886-3
VCC = 3.3V
LOAD CURRENT (mA)
0
5.50
4.50
4.25
4.75
5.00
5.25
4.00
60
40
20
2886 G03
100
80
LTM2886-5
VCC = 5V
VCC2
V+
|V–|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com