Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 14Page - Analog Devices LTM2886 Datasheet HTML 15Page - Analog Devices LTM2886 Datasheet HTML 16Page - Analog Devices LTM2886 Datasheet HTML 17Page - Analog Devices LTM2886 Datasheet HTML 18Page - Analog Devices LTM2886 Datasheet HTML 19Page - Analog Devices LTM2886 Datasheet HTML 20Page - Analog Devices LTM2886 Datasheet HTML 21Page - Analog Devices LTM2886 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
LTM2886
18
Rev C
For more information www.analog.com/LTM2886
APPLICATIONS INFORMATION
Figure 5. Adjustable Voltage Rails
Isolated Supply Adjustable Operation
The VCC2 isolated power rail is nominally 5V, but may be
overdrivenbyaddingtwoexternalresistors.Theunadjusted
output voltage represents the maximum for guaranteed
performance. Figure 5 illustrates configuration for VCC2
= 3.3V, V+ and V– are fixed at 5V and –5V respectively.
Channel Timing Uncertainty
Multiplechannelsaresupportedacrosstheisolationbound-
ary by encoding and decoding of the inputs and outputs.
Up to three signals in each direction are assembled as a
packet and transferred across the isolation barrier. The
time required to transfer all 3 bits is 100ns maximum,
and sets the limit for how often a signal can change on
the opposite side of the barrier. Encoding transmission is
independent for each data direction. The technique used
assigns SCK or SCL on the logic side, and SDO2 or I2 on
the isolated side, the highest priority such that there is
no jitter on the associated output channels, only delay.
This preemptive scheme will produce a certain amount of
uncertainty on the other isolation channels. The resulting
pulse width uncertainty on these low priority channels is
typically ±6ns, but may vary up to ±50ns if the low priority
channels are not encoded within the same high priority
serial packet.
Serial Peripheral Interface (SPI) Bus
The LTM2886-S provides a SPI compatible isolated inter-
face. The maximum data rate is a function of the inherent
channel propagation delays, channel to channel pulse
width uncertainty, and data direction requirements. Chan-
nel timing is detailed in Figures 6 through 9 and Tables
2 and 3. The SPI protocol supports four unique timing
configurations defined by the clock polarity (CPOL) and
clock phase (CPHA) summarized in Table 1.
Table 1. SPI Mode
CPOL CPHA
DATA TO (CLOCK) RELATIONSHIP
0
0
Sample (Rising)
Set-Up (Falling)
0
1
Set-Up (Rising)
Sample (Falling)
1
0
Sample (Falling)
Set-Up (Rising)
1
1
Set-Up (Falling)
Sample (Rising)
The maximum data rate for bidirectional communication
is 4MHz, based on a synchronous system, as detailed in
the timing waveforms. Slightly higher data rates may be
achieved by skewing the clock duty cycle and minimiz-
ing the SDO to SCK set-up time, however the clock rate
is still dominated by the system propagation delays. A
discussion of the critical timing paths relative to Figures 6
and 7 follows.
The output adjustment range for VCC2 is 3V to 5.5V. VCC2
output voltage is calculated by:
VCC2 = 1.22V(1 + R2/R1)
The value of R1 should be no greater than 24.9k to mini-
mize errors in the output voltage caused by the AVCC2 pin
bias current.
Operation at low output voltages may result in thermal
shutdown due to low dropout regulator power dissipation.
R2
42.2k
R1
24.9k
2886 F05
ON
CS
SDOE
CS2
LTM2886-5S
VL
VCC
GND
GND2
SDI
SDI2
SCK
SCK2
V–
AVCC2
V+
VCC2
SDO
DO2
SDO2
I2
DO1
I1
5V
3.3V
–5V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com