Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 13Page - Analog Devices LTM2886 Datasheet HTML 14Page - Analog Devices LTM2886 Datasheet HTML 15Page - Analog Devices LTM2886 Datasheet HTML 16Page - Analog Devices LTM2886 Datasheet HTML 17Page - Analog Devices LTM2886 Datasheet HTML 18Page - Analog Devices LTM2886 Datasheet HTML 19Page - Analog Devices LTM2886 Datasheet HTML 20Page - Analog Devices LTM2886 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
LTM2886
17
Rev C
For more information www.analog.com/LTM2886
APPLICATIONS INFORMATION
Overview
The LTM2886 digital µModule isolator provides a
galvanically-isolated robust logic interface, powered by
an integrated, regulated DC/DC converter, complete with
decoupling capacitors. The LTM2886 is ideal for use in
networks where grounds can take on different voltages.
Isolation in the LTM2886 blocks high voltage differences,
eliminates ground loops and is extremely tolerant of com-
mon mode transients between ground planes. Error-free
operation is maintained through common mode events
greater than 30kV/μs providing excellent noise isolation.
Isolator µModule Technology
The LTM2886 utilizes isolator µModule technology to
translate signals and power across an isolation barrier.
Signals on either side of the barrier are encoded into
pulses and translated across the isolation boundary using
coreless transformers formed in the µModule substrate.
This system, complete with data refresh, error checking,
safe shutdown on fail, and extremely high common mode
immunity,providesarobustsolutionforbidirectionalsignal
isolation. The µModule technology provides the means to
combinetheisolatedsignalingwithmultipleregulatorsand
a powerful isolated DC/DC converter in one small package.
DC/DC Converter
The LTM2886 contains a fully integrated DC/DC converter,
including the transformer, so that no external components
are necessary. The logic side contains a full-bridge driver,
running at 1.6MHz, and is AC-coupled to a single trans-
former primary. A series DC blocking capacitor prevents
transformer saturation due to driver duty cycle imbal-
ance. The transformer scales the primary voltage, and is
rectified by a voltage quadrupler. This topology eliminates
transformer saturation caused by secondary imbalances.
The quadrupler is grounded in the middle producing sym-
metrical positive and negative voltage rails. The positive
rail is post regulated with two low dropout regulators
(LDOs) producing VCC2 and V+, the negative rail also has
an LDO producing V–.
Each voltage rail is capable of producing 100mA of output
current,totaloutputpowercapabilityisapproximately 1W.
Allvoltagerailsarebypassedwith2.2µFceramiccapacitors.
VL Logic Supply
AseparatelogicsupplypinVLallowstheLTM2886tointer-
facewithanylogicsignalfrom1.62Vto5.5V(LTM2886-S)
or 3V to 5.5V (LTM2886-I) as shown in Figure 4. Simply
connect the desired logic supply to VL.
There is no interdependency between VCC and VL; they
may simultaneously operate at any voltage within their
specified operating ranges and sequence in any order. VL
is bypassed internally by a 1µF capacitor.
Hot-Plugging Safely
Caution must be exercised in applications where power is
plugged into the LTM2886’s power supplies, VCC or VL,
due to the integrated ceramic decoupling capacitors. The
parasitic cable inductance along with the high Q char-
acteristics of ceramic capacitors can cause substantial
ringing which could exceed the maximum voltage ratings
and damage the LTM2886. Refer to Linear Technology Ap-
plication Note 88, entitled Ceramic Input Capacitors Can
Cause Overvoltage Transients for a detailed discussion
and mitigation of this phenomenon.
2886 F04
ON
DI1
O1
LTM2886-I
ANY VOLTAGE FROM
1.62V TO 5.5V LTM2886-S
3V TO 5.5V LTM2886-I
3V TO 3.6V LTM2886-3
4.5V TO 5.5V LTM2886-5
EXTERNAL
DEVICE
VL
VCC
GND
GND2
SDA
SDA2
SCL
SCL2
V–
AVCC2
V+
VCC2
DO2
I2
DO1
I1
Figure 4. VCC and VL Are Independent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com