Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 8Page - Analog Devices LTM2886 Datasheet HTML 9Page - Analog Devices LTM2886 Datasheet HTML 10Page - Analog Devices LTM2886 Datasheet HTML 11Page - Analog Devices LTM2886 Datasheet HTML 12Page - Analog Devices LTM2886 Datasheet HTML 13Page - Analog Devices LTM2886 Datasheet HTML 14Page - Analog Devices LTM2886 Datasheet HTML 15Page - Analog Devices LTM2886 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
LTM2886
12
Rev C
For more information www.analog.com/LTM2886
PIN FUNCTIONS
Logic Side
DO2(A1):DigitalOutput,ReferencedtoVLandGND.Logic
output connected to I2 through isolation barrier. Under
the condition of an isolation communication failure this
output is in a high impedance state.
DNC (A2): Do Not Connect. Pin connected internally.
SCL (A3): Serial I2C Clock Input, Referenced to VL and
GND. Logic input connected to isolated side SCL2 pin
through isolation barrier. Clock is unidirectional from logic
to isolated side. Do not float.
SDA (A4): Serial I2C Data Pin, Referenced to VL and GND.
Bidirectional logic pin connected to isolated side SDA2 pin
through isolation barrier. Under the condition of an isola-
tion communication failure this pin is in a high impedance
state. Do not float.
DI1(A5):DigitalInput,ReferencedtoVLandGND.Logicinput
connected to O1 through isolation barrier. The logic state on
DI1 translates to the same logic state on O1. Do not float.
GND (A6, B2 to B6): Circuit Ground.
ON (A7): Enable, Referenced to VL and GND. Enables
power and data communication through the isolation
barrier. If ON is high the part is enabled and power and
communications are functional to the isolated side. If ON
is low the logic side is held in reset, all digital outputs
are in a high impedance state, and the isolated side is
unpowered. Do not float.
VL (A8): Logic Supply. Interface supply voltage for pins
DI1, SCL, SDA, DO1, DO2, and ON. Operating voltage is
3V to 5.5V. Internally bypassed with 1µF.
DO1(B1):DigitalOutput,ReferencedtoVLandGND.Logic
output connected to I1 through isolation barrier. Under
the condition of an isolation communication failure this
output is in a high impedance state.
VCC (B7 to B8): Supply Voltage. Operating voltage is 3V
to 3.6V for LTM2886-3 and 4.5V to 5.5V for LTM2886-5.
Internally bypassed with 2.2µF.
Isolated Side
I2 (L1): Digital Input, Referenced to VCC2 and GND2.
Logic input connected to DO2 through isolation barrier.
The logic state on I2 translates to the same logic state on
DO2. Do not float.
DNC (L2): Do Not Connect. Pin connected internally.
SCL2 (L3): Serial I2C Clock Output, Referenced to VCC2
and GND2. Logic output connected to logic side SCL pin
through isolation barrier. Clock is unidirectional from logic
to isolated side. SCL2 has a push-pull output stage, do not
connect an external pull-up device. Under the condition
of an isolation communication failure this output defaults
to a high state.
SDA2 (L4): Serial I2C Data Pin, Referenced to VCC2 and
GND2. Bidirectional logic pin connected to logic side SDA
pin through isolation barrier. Output is biased high by a
1.8mA current source. Do not connect an external pull-
up device to SDA2. Under the condition of an isolation
communication failure this output defaults to a high state.
O1 (L5): Digital Output, Referenced to VCC2 and GND2.
Logic output connected to DI1 through isolation barrier.
Under the condition of an isolation communication failure
O1 defaults to a high state.
VCC2 (L6): 3V to 5.5V Adjustable Isolated Supply Voltage.
Internally generated from VCC by an isolated DC/DC con-
verter and regulated to 5V with no external components.
Internally bypassed with 2.2µF.
V– (L7): –5V Nominal Isolated Supply Voltage. Internally
generated from VCC by an isolated DC/DC converter and
regulated to –5V with no external components. Internally
bypassed with 2.2µF.
V+ (L8): 5V Nominal Isolated Supply Voltage. Internally
generated from VCC by an isolated DC/DC converter and
regulated to 5V with no external components. Internally
bypassed with 2.2µF.
I1 (K1): Digital Input, Referenced to VCC2 and GND2.
Logic input connected to DO1 through isolation barrier.
The logic state on I1 translates to the same logic state on
DO1. Do not float.
GND2 (K2 to K5, K7, K8): Isolated Ground.
AVCC2 (K6): 5V Nominal Isolated Supply Voltage Adjust.
The adjust pin voltage is 1.22V referenced to GND2. See
Applications Information section for details.
(LTM2886-I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com