Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 5Page - Analog Devices LTM2886 Datasheet HTML 6Page - Analog Devices LTM2886 Datasheet HTML 7Page - Analog Devices LTM2886 Datasheet HTML 8Page - Analog Devices LTM2886 Datasheet HTML 9Page - Analog Devices LTM2886 Datasheet HTML 10Page - Analog Devices LTM2886 Datasheet HTML 11Page - Analog Devices LTM2886 Datasheet HTML 12Page - Analog Devices LTM2886 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LTM2886
9
Rev C
For more information www.analog.com/LTM2886
TYPICAL PERFORMANCE CHARACTERISTICS
V– Load Regulation
vs Temperature
VCC2 Efficiency
VCC2 Voltage and ICC Current
vs Load Current
VCC2 Load Regulation
vs Temperature
V+ Load Regulation
vs Temperature
TA = 25°C, LTM2886-3 VCC = 3.3V,
LTM2886-5 VCC = 5V, VL = 3.3V, GND = GND2 = 0V, ON = VL unless otherwise noted.
V+ Efficiency
TEMPERATURE (°C)
–50
5.15
5.05
5.10
5.00
4.85
4.90
4.95
50
0
100
2886 G13
125
25
–25
75
LTM2886-5
VCC = 5V
ICC2 = 1mA
ICC2 = 100mA
TEMPERATURE (°C)
–50
5.15
5.00
5.10
5.05
4.95
4.85
4.90
50
0
100
2886 G14
125
25
–25
75
I+ = 1mA
I+ = 100mA
LTM2886-5
VCC = 5V
TEMPERATURE (°C)
–50
5.15
4.90
5.10
5.05
5.00
4.95
4.85
50
0
100
2886 G15
125
25
–25
75
I– = 1mA
I– = 100mA
LTM2886-5
VCC = 5V
LOAD CURRENT (mA)
0
70
20
10
30
40
50
60
0
1.4
1.0
0.6
0.8
0.4
0.2
1.2
0.0
150
100
50
200
250
2886 G16
300
EFFICIENCY
POWER LOSS
LTM2886-3, VCC = 3.3V
LTM2886-5, VCC = 5V
LOAD CURRENT (mA)
0
6
1
2
3
4
5
0
600
400
200
300
100
500
0
150
50
100
200
250
2886 G17
300
VOLTAGE
ICC CURRENT
LTM2886-3, VCC = 3.3V
LTM2886-5, VCC = 5V
LOAD CURRENT (mA)
0
70
10
20
30
40
50
60
0
1.4
1.2
0.8
0.4
0.6
0.2
1.0
0.0
100
50
200
150
2886 G18
300
250
EFFICIENCY
POWER LOSS
LTM2886-3, VCC = 3.3V
LTM2886-5, VCC = 5V
V+ Voltage and ICC Current
vs Load Current
0
150
100
50
200
300
250
LOAD CURRENT (mA)
6
5
2
3
4
1
0
600
400
200
300
100
500
0
2886 G19
VOLTAGE
ICC CURRENT
LTM2886-3, VCC = 3.3V
LTM2886-5, VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com