Electronic Components Datasheet Search
  English  ▼

X  

LPC1111FDH20/002 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC1111FDH20/002 Datasheet HTML 1Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 2Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 3Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 4Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 5Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 6Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 7Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 8Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
2 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
 Digital peripherals:
 Up to 42 General Purpose I/O (GPIO) pins with configurable pull-up/pull-down
resistors. In addition, a configurable open-drain mode is supported on the
LPC1100L and LPC1100XL series.
 GPIO pins can be used as edge and level sensitive interrupt sources.
 High-current output driver (20 mA) on one pin.
 High-current sink drivers (20 mA) on two I2C-bus pins in Fast-mode Plus (not on
LPC1112FDH20/102).
 Four general purpose counter/timers with up to eight capture inputs and up to 13
match outputs.
 Programmable WatchDog Timer (WDT) the LPC1100 series only.
 Programmable windowed WDT on the LPC1100L and LPC1100XL series only.
 Analog peripherals:
 10-bit ADC with input multiplexing among 5, 6, or 8 pins depending on package
size.
 Serial interfaces:
 UART with fractional baud rate generation, internal FIFO, and RS-485 support.
 Two SPI controllers with SSP features and with FIFO and multi-protocol
capabilities (second SPI on LPC1100 and LPC1100L series LQFP48 package
only).
 I2C-bus interface supporting full I2C-bus specification and Fast-mode Plus with a
data rate of 1 Mbit/s with multiple address recognition and monitor mode (not on
LPC1112FDH20/102).
 Clock generation:
 12 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used
as a system clock.
 Crystal oscillator with an operating range of 1 MHz to 25 MHz.
 Programmable watchdog oscillator with a frequency range of 9.4 kHz to 2.3 MHz.
 PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from the system oscillator or the internal RC
oscillator.
 Clock output function with divider that can reflect the system oscillator clock, IRC
clock, CPU clock, and the Watchdog clock.
 Power control:
 Integrated PMU (Power Management Unit) to minimize power consumption during
Sleep, Deep-sleep, and Deep power-down modes.
 Power profiles residing in boot ROM allowing to optimize performance and
minimize power consumption for any given application through one simple function
call. (LPC1100L and LPC1100XL series only.)
 Three reduced power modes: Sleep, Deep-sleep, and Deep power-down.
 Processor wake-up from Deep-sleep mode via a dedicated start logic using up to
13 of the functional pins.
 Power-On Reset (POR).
 Brownout detect with up to four separate thresholds for interrupt and forced reset.
 Unique device serial number for identification.
 Single power supply (1.8 V to 3.6 V).
 Available as LQFP48 package, HVQFN33 package, and TFBGA48 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com