Electronic Components Datasheet Search
  English  ▼

X  

LPC1111FDH20/002 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC1111FDH20/002 Datasheet HTML 49Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 50Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 51Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 52Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 53Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 54Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 55Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 56Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
53 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
Following reset, the LPC1110/11/12/13/14/15 will operate from the Internal RC oscillator
until switched by software. This allows systems to operate without any external crystal and
the bootloader code to operate at a known frequency.
See Figure 16 for an overview of the LPC1110/11/12/13/14/15 clock generation.
7.16.1.1
Internal RC oscillator
The IRC may be used as the clock source for the WDT, and/or as the clock that drives the
PLL and subsequently the CPU. The nominal IRC frequency is 12 MHz. The IRC is
trimmed to 1 % accuracy over the entire voltage and temperature range.
Upon power-up or any chip reset, the LPC1110/11/12/13/14/15 use the IRC as the clock
source. Software may later switch to one of the other available clock sources.
7.16.1.2
System oscillator
The system oscillator can be used as the clock source for the CPU, with or without using
the PLL.
Fig 16. LPC1110/11/12/13/14/15 clock generation block diagram
SYSTEM PLL
IRC oscillator
system oscillator
watchdog oscillator
IRC oscillator
watchdog oscillator
MAINCLKSEL
(main clock select)
SYSPLLCLKSEL
(system PLL clock select)
SYSTEM CLOCK
DIVIDER
AHB clock 0
(system)
SYSAHBCLKCTRL[1:18]
(AHB clock enable)
AHB clocks 1 to 18
(memories
and peripherals)
SPI0 PERIPHERAL
CLOCK DIVIDER
SPI0
SPI1 PERIPHERAL
CLOCK DIVIDER
SPI1
UART PERIPHERAL
CLOCK DIVIDER
UART
WDT CLOCK
DIVIDER
WDT
WDTUEN
(WDT clock update enable)
watchdog oscillator
IRC oscillator
system oscillator
CLKOUT PIN CLOCK
DIVIDER
CLKOUT pin
CLKOUTUEN
(CLKOUT update enable)
002aae514
main clock
system clock
IRC oscillator
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com