Electronic Components Datasheet Search
  English  ▼

X  

LPC1111FDH20/002 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC1111FDH20/002 Datasheet HTML 32Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 33Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 34Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 35Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 36Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 37Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 38Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 39Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
36 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
[6]
When the system oscillator is not used, connect XTALIN and XTALOUT as follows: XTALIN can be left floating or can be grounded
(grounding is preferred to reduce susceptibility to noise). XTALOUT should be left floating.
Table 10.
LPC1100XL series: LPC1113/14/15 pin description table (LQFP48 and TFBGA48 package)
Symbol
Start
logic
input
Type
Reset
state
[1]
Description
PIO0_0 to PIO0_11
I/O
Port 0 — Port 0 is a 12-bit I/O port with individual
direction and function controls for each bit. The
operation of port 0 pins depends on the function
selected through the IOCONFIG register block.
RESET/PIO0_0
3[2]
C1[2]
yes
I
I; PU
RESET — External reset input with 20 ns glitch filter. A
LOW-going pulse as short as 50 ns on this pin resets
the device, causing I/O ports and peripherals to take on
their default states, and processor execution to begin at
address 0.
In deep power-down mode, this pin must be pulled
HIGH externally. The RESET pin can be left
unconnected or be used as a GPIO pin if an external
RESET function is not needed and Deep power-down
mode is not used.
I/O
-
PIO0_0 — General purpose digital input/output pin with
10 ns glitch filter.
PIO0_1/CLKOUT/
CT32B0_MAT2
4[3]
C2[3]
yes
I/O
I; PU
PIO0_1 — General purpose digital input/output pin. A
LOW level on this pin during reset starts the ISP
command handler.
O-
CLKOUT — Clockout pin.
O-
CT32B0_MAT2 — Match output 2 for 32-bit timer 0.
PIO0_2/SSEL0/
CT16B0_CAP0
10[3]
F1[3]
yes
I/O
I; PU
PIO0_2 — General purpose digital input/output pin.
I/O
-
SSEL0 — Slave Select for SPI0.
I-
CT16B0_CAP0 — Capture input 0 for 16-bit timer 0.
PIO0_3
14[3]
H2[3]
yes
I/O
I; PU
PIO0_3 — General purpose digital input/output pin.
PIO0_4/SCL
15[4]
G3[4]
yes
I/O
I; IA
PIO0_4 — General purpose digital input/output pin
(open-drain).
I/O
-
SCL — I2C-bus, open-drain clock input/output.
High-current sink only if I2C Fast-mode Plus is selected
in the I/O configuration register.
PIO0_5/SDA
16[4]
H3[4]
yes
I/O
I; IA
PIO0_5 — General purpose digital input/output pin
(open-drain).
I/O
-
SDA — I2C-bus, open-drain data input/output.
High-current sink only if I2C Fast-mode Plus is selected
in the I/O configuration register.
PIO0_6/SCK0
22[3]
H6[3]
yes
I/O
I; PU
PIO0_6 — General purpose digital input/output pin.
I/O
-
SCK0 — Serial clock for SPI0.
PIO0_7/CTS
23[3]
G7[3]
yes
I/O
I; PU
PIO0_7 — General purpose digital input/output pin
(high-current output driver).
I-
CTS — Clear To Send input for UART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com