Electronic Components Datasheet Search
  English  ▼

X  

LPC1111FDH20/002 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC1111FDH20/002 Datasheet HTML 60Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 61Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 62Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 63Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 64Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 65Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 66Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 67Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
64 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply voltages.
[2]
Tamb =25 C.
[3]
IDD measurements were performed with all pins configured as GPIO outputs driven LOW and pull-up resistors disabled.
[4]
IRC enabled; system oscillator disabled; system PLL disabled.
[5]
BOD disabled.
[6]
All peripherals disabled in the SYSAHBCLKCTRL register. Peripheral clocks to UART and SPI0/1 disabled in system configuration
block.
[7]
IRC disabled; system oscillator enabled; system PLL enabled.
[8]
All oscillators and analog blocks turned off in the PDSLEEPCFG register; PDSLEEPCFG = 0x0000 18FF.
[9]
WAKEUP pin and RESET pin are pulled HIGH externally.
[10] System oscillator enabled; IRC disabled; system PLL disabled.
[11] Low-current mode PWR_LOW_CURRENT selected when running the set_power routine in the power profiles.
[12] Including voltage on outputs in 3-state mode.
[13] VDD supply voltage must be present.
[14] 3-state outputs go into 3-state mode in Deep power-down mode.
[15] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[16] To VSS.
IOL
LOW-level output
current
VOL =0.4 V; I2C-bus pins
configured as Fast-mode
Plus pins
2.5 V
 V
DD  3.6 V
20
--mA
1.8 V
 V
DD < 2.5 V
16
-
-
ILI
input leakage current
VI =VDD
[16] -2
4
A
VI =5V
-
10
22
A
Oscillator pins
Vi(xtal)
crystal input voltage
0.5
1.8
1.95
V
Vo(xtal)
crystal output voltage
0.5
1.8
1.95
V
Pin capacitance
Cio
input/output
capacitance
pins configured for analog
function
--7.1
pF
I2C-bus pins (PIO0_4 and
PIO0_5)
--2.5
pF
pins configured as GPIO
-
-
2.8
pF
Table 16.
Static characteristics (LPC1100, LPC1100L series) …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com