Electronic Components Datasheet Search
  English  ▼

X  

LPC1111FDH20/002 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LPC1111FDH20/002 Datasheet HTML 16Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 17Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 18Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 19Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 20Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 21Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 22Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 23Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
20 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
R/PIO0_11/
AD0/CT32B0_MAT3
4
[5] yes
I
I; PU
R — Reserved. Configure for an alternate function in the
IOCONFIG block.
I/O
-
PIO0_11 — General purpose digital input/output pin.
I-
AD0 — A/D converter, input 0.
O-
CT32B0_MAT3 — Match output 3 for 32-bit timer 0.
PIO1_0 to PIO1_7
I/O
Port 1 — Port 1 is a 12-bit I/O port with individual direction and
function controls for each bit. The operation of port 1 pins depends
on the function selected through the IOCONFIG register block.
R/PIO1_0/
AD1/CT32B1_CAP0
7
[5] yes
I
I; PU
R — Reserved. Configure for an alternate function in the
IOCONFIG block.
I/O
-
PIO1_0 — General purpose digital input/output pin.
I-
AD1 — A/D converter, input 1.
I-
CT32B1_CAP0 — Capture input 0 for 32-bit timer 1.
R/PIO1_1/
AD2/CT32B1_MAT0
8
[5] no
O
I; PU
R — Reserved. Configure for an alternate function in the
IOCONFIG block.
I/O
-
PIO1_1 — General purpose digital input/output pin.
I-
AD2 — A/D converter, input 2.
O-
CT32B1_MAT0 — Match output 0 for 32-bit timer 1.
R/PIO1_2/
AD3/CT32B1_MAT1
9
[5] no
I
I; PU
R — Reserved. Configure for an alternate function in the
IOCONFIG block.
I/O
-
PIO1_2 — General purpose digital input/output pin.
I-
AD3 — A/D converter, input 3.
O-
CT32B1_MAT1 — Match output 1 for 32-bit timer 1.
SWDIO/PIO1_3/
AD4/CT32B1_MAT2
10
[5] no
I/O
I; PU
SWDIO — Serial wire debug input/output.
I/O
-
PIO1_3 — General purpose digital input/output pin.
I-
AD4 — A/D converter, input 4.
O-
CT32B1_MAT2 — Match output 2 for 32-bit timer 1.
PIO1_6/RXD/
CT32B0_MAT0
11
[3] no
I/O
I; PU
PIO1_6 — General purpose digital input/output pin.
I-
RXD — Receiver input for UART.
O-
CT32B0_MAT0 — Match output 0 for 32-bit timer 0.
PIO1_7/TXD/
CT32B0_MAT1
12
[3] no
I/O
I; PU
PIO1_7 — General purpose digital input/output pin.
O-
TXD — Transmitter output for UART.
O-
CT32B0_MAT1 — Match output 1 for 32-bit timer 0.
VDD
15
-
-
3.3 V supply voltage to the internal regulator, the external rail, and
the ADC. Also used as the ADC reference voltage.
XTALIN
14
[6] -
I
-
Input to the oscillator circuit and internal clock generator circuits.
Input voltage must not exceed 1.8 V.
XTALOUT
13
[6] -
O
-
Output from the oscillator amplifier.
VSS
16
-
-
Ground.
Table 4.
LPC1100L series: LPC1110/11/12 pin description table (SO20 and TSSOP20 package with
I2C-bus pins) …continued
Symbol
Start
logic
input
Type Reset
state
[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com