Electronic Components Datasheet Search
  English  ▼

X  

LPC1111FDH20/002 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # LPC1111FDH20/002
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FDH20/002 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button LPC1111FDH20/002 Datasheet HTML 59Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 60Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 61Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 62Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 63Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 64Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 65Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 66Page - NXP Semiconductors LPC1111FDH20/002 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
63 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
IOZ
OFF-state output
current
VO =0V; VO =VDD;
on-chip pull-up/down
resistors disabled
-
0.5
10
nA
VI
input voltage
pin configured to provide
a digital function
[12][13]
[14]
0-
5.0
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output
voltage
2.5 V
 V
DD  3.6 V;
IOH = 20 mA
VDD  0.4
--V
1.8 V
 V
DD < 2.5 V;
IOH = 12 mA
VDD  0.4
--V
VOL
LOW-level output
voltage
2.5 V
 V
DD  3.6 V;
IOL =4 mA
--0.4
V
1.8 V
 V
DD < 2.5 V;
IOL =3 mA
--0.4
V
IOH
HIGH-level output
current
VOH =VDD  0.4 V;
2.5 V
 V
DD  3.6 V
20
--mA
1.8 V
 V
DD < 2.5 V
12
--mA
IOL
LOW-level output
current
VOL =0.4 V
2.5 V
 V
DD  3.6 V
4
--mA
1.8 V
 V
DD < 2.5 V
3
--mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[15] --50
mA
Ipd
pull-down current
VI =5V
10
50
150
A
Ipu
pull-up current
VI =0V
2.0 V
 V
DD  3.6 V
15
50
85
A
1.8 V
 V
DD < 2.0 V
10
50
85
A
VDD <VI < 5 V
000
A
I2C-bus pins (PIO0_4 and PIO0_5)
VIH
HIGH-level input
voltage
0.7VDD
--V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
-
0.05VDD
-V
IOL
LOW-level output
current
VOL =0.4 V; I2C-bus pins
configured as standard
mode pins
2.5 V
 V
DD  3.6 V
3.5
--mA
1.8 V
 V
DD < 2.5 V
3
-
-
Table 16.
Static characteristics (LPC1100, LPC1100L series) …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com