Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PF3000 Datasheet HTML 17Page - NXP Semiconductors PF3000 Datasheet HTML 18Page - NXP Semiconductors PF3000 Datasheet HTML 19Page - NXP Semiconductors PF3000 Datasheet HTML 20Page - NXP Semiconductors PF3000 Datasheet HTML 21Page - NXP Semiconductors PF3000 Datasheet HTML 22Page - NXP Semiconductors PF3000 Datasheet HTML 23Page - NXP Semiconductors PF3000 Datasheet HTML 24Page - NXP Semiconductors PF3000 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
GENERAL PRODUCT CHARACTERISTICS
NXP Semiconductors
21
PF3000
Table 18. Dynamic electrical characteristics - VLDO1
All parameters are specified at TA = -40 °C to 105 °C, VIN = 3.6 V, VLDO1IN = 3.6 V, VLDO1 = 3.3 V, ILDO1 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VLDO1IN = 3.6 V, VLDO1 = 3.3 V, ILDO1 = 10 mA,
and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VLDO1 linear regulator
PSRRVLDO1
PSRR, ILDO1 = 75 mA, 20 Hz to 20 kHz
• VLDO1 = 1.8 V to 3.3 V, VLDO1IN = VLDO1INMIN + 100 mV
• VLDO1 = 1.8 V to 3.3 V, VLDO1IN = VLDO1NOM + 1.0 V
35
52
40
60
–
–
dB
NOISEVLDO1
Output noise density, VLDO1IN = VLDO1INMIN, ILDO1 = 75 mA
• 100 Hz to <1.0 kHz
• 1.0 kHz to <10 kHz
• 10 kHz to 1.0 MHz
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
√Hz
tONLDO1
Turn-on time, enable to 90% of end value, VLDO1IN = VLDO1INMIN to
4.5 V, ILDO1 = 0.0 mA, all output voltage settings
60
–
500
μs
tOFFLDO1
Turn-off time, disable to 10% of initial value, VLDO1IN = VLDO1INMIN,
ILDO1 = 0.0 mA
––
10
ms
LDO1OSHT
Start-up overshoot, VLDO1IN = VLDO1INMIN to 4.5 V, ILDO1 = 0.0 mA
–1.0
2.0
%
Table 19. Static electrical characteristics - VLDO2
All parameters are specified at TA = -40 °C to 105 °C, VIN = 3.6 V, VLDO2IN = 3.0 V, VLDO2 = 1.55 V, ILDO2 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VLDO2IN = 3.0 V, VLDO2 = 1.55 V, ILDO2 =
10 mA and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VLDO2 linear regulator
VLDO2IN
Operating input voltage
1.75
–
3.40
V
VLDO2NOM
Nominal output voltage
–
Table 63
–V
ILDO2
Rated output load current
250
–
–
mA
VLDO2TOL
Output voltage tolerance, 1.75 V < VLDOIN1 < 3.40 V, 0.0 mA < ILDO2
< 250 mA, VLDO2 = 0.8 V to 1.55 V
-3.0
–
3.0
%
ILDO2Q
Quiescent current, no load, change in IVIN and IVLDO2IN, when VLDO2
enabled
–16–
μA
ILDO2LIM
Current limit, ILDO2 when VLDO2 is forced to VLDO2NOM/2
333
417
612
mA
Table 20. Dynamic electrical characteristics - VLDO2
All parameters are specified at TA = -40 °C to 105 °C, VIN = 3.6 V, VLDO2IN = 3.0 V, VLDO2 = 1.55 V, ILDO2 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VLDO2IN = 3.0 V, VLDO2 = 1.55 V, ILDO2 =
10 mA and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VLDO2 linear regulator
PSRRVLDO2
PSRR, ILDO2 = 187.5 mA, 20 Hz to 20 kHz
• VLDO2 = 0.8 V to 1.55 V
• VLDO2 = 1.1 V to 1.55 V
50
37
60
45
–
–
dB
NOISEVLDO2
Output noise density, VLDO2IN = 1.75 V, ILDO2 = 187.5 mA
• 100 Hz to <1.0 kHz
• 1.0 kHz to <10 kHz
• 10 kHz to 1.0 MHz
–
–
–
-108
-118
-124
-100
-108
-112
dBV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com