Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button PF3000 Datasheet HTML 86Page - NXP Semiconductors PF3000 Datasheet HTML 87Page - NXP Semiconductors PF3000 Datasheet HTML 88Page - NXP Semiconductors PF3000 Datasheet HTML 89Page - NXP Semiconductors PF3000 Datasheet HTML 90Page - NXP Semiconductors PF3000 Datasheet HTML 91Page - NXP Semiconductors PF3000 Datasheet HTML 92Page - NXP Semiconductors PF3000 Datasheet HTML 93Page - NXP Semiconductors PF3000 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 122 page
background image
FUNCTIONAL DESCRIPTION AND APPLICATION INFORMATION
90
NXP Semiconductors
PF3000
6.6.5.3.32 SW2 switching mode selector register (SW2MODE)
This register is used to set the switching mode of the SW2 regulator.
Table 158. SW2OFF field descriptions
Field
Description
4:0
SW2STBY
SW2 sleep mode output voltage — Refer to Table 55.
5
SW2_HI
SW2 output voltage range —This bit configures the range of SW2 Output voltage. Refer to Table 55.
0 Low output voltage settings
1 High output voltage settings
Table 159. SW2 switching mode selector register (SW2MODE)
Address: 0x38 functional page
Access: User read/write (122)
76543210
R
SW2OMODE
SW2MODE
W
Default
0000
X (123)
X (123)
X (123)
X (123)
= Unimplemented or Reserved
Notes
122.
Read: Anytime
Write: Anytime
123.
Default value depends on OTP content.
Table 160. SW2MODE field descriptions
Field
Description
5
SW2OMODE
SW2 Off mode bit— This bit configures the mode entered by SW2 after a turn-off event
0
OFF mode entered after a turn-off event.
1
Sleep mode entered after a turn-off event.
3:0
SW2MODE
SW2 switching mode selector — Refer to Table 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com