Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PF3000 Datasheet HTML 67Page - NXP Semiconductors PF3000 Datasheet HTML 68Page - NXP Semiconductors PF3000 Datasheet HTML 69Page - NXP Semiconductors PF3000 Datasheet HTML 70Page - NXP Semiconductors PF3000 Datasheet HTML 71Page - NXP Semiconductors PF3000 Datasheet HTML 72Page - NXP Semiconductors PF3000 Datasheet HTML 73Page - NXP Semiconductors PF3000 Datasheet HTML 74Page - NXP Semiconductors PF3000 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 122 page
background image
FUNCTIONAL DESCRIPTION AND APPLICATION INFORMATION
NXP Semiconductors
71
PF3000
6.6.5.3.3
Interrupt sense register 0 (INTSENSE0)
This register has seven read-only sense bits. These sense bits reflects the actual state of the corresponding function.
Table 101. INTMASK0 field descriptions
Field
Description
5
THERM130M
130 °C Thermal interrupt mask bit
0
THERM130I Unmasked
1
THERM130I Masked
4
THERM125M
125 °C Thermal interrupt mask bit
0
THERM125I Unmasked
1
THERM125I Masked
3
THERM120M
120 °C Thermal interrupt mask bit
0
THERM120I Unmasked
1
THERM120I Masked
2
THERM110M
110 °C Thermal interrupt mask bit
0
THERM110I Unmasked
1
THERM110I Masked
1
LOWVINM
Low-voltage interrupt mask bit
0
LOWVINI Unmasked
1
LOWVINI Masked
0
PWRONM
Power on interrupt mask bit
0PWRONI Unmasked
1
PWRONI Masked
Table 102. Interrupt sense register 0 (INTSENSE0)
Address: 0x07 functional page
Access: User read-only (73)
76
543
21
0
R
VDDOTPS
THERM130S
THERM125S
THERM120S
THERM110S
LOWVINS
PWRONS
W
Default
X (77)
0X (76)
X (76)
X (76)
X (76)
X (75)
X (74)
= Unimplemented or Reserved
Notes
73.
Read: Anytime
74.
Default value depends on the initial PWRON pin state.
75.
Default value depends on the initial VIN voltage.
76.
Default value depends on the initial temperature of the die.
77.
Default value depends on the initial VDDOTP pin state.
Table 103. INTSENSE0 field descriptions
Field
Description
7
VDDOTPS
VDDOTP voltage sense bit
0
VDDOTP grounded.
1
VDDOTP to VCOREDIG or greater.
5
THERM130S
130 °C thermal interrupt sense bit
0
Die temperature below THERM130 threshold.
1
Die temperature above THERM130 threshold.
4
THERM125S
125 °C thermal interrupt sense bit
0
Die temperature below THERM125 threshold.
1
Die temperature has crossed THERM125 threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com