Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PF3000 Datasheet HTML 35Page - NXP Semiconductors PF3000 Datasheet HTML 36Page - NXP Semiconductors PF3000 Datasheet HTML 37Page - NXP Semiconductors PF3000 Datasheet HTML 38Page - NXP Semiconductors PF3000 Datasheet HTML 39Page - NXP Semiconductors PF3000 Datasheet HTML 40Page - NXP Semiconductors PF3000 Datasheet HTML 41Page - NXP Semiconductors PF3000 Datasheet HTML 42Page - NXP Semiconductors PF3000 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
FUNCTIONAL DESCRIPTION AND APPLICATION INFORMATION
NXP Semiconductors
39
PF3000
6.3.7.1
VREFDDR external components
6.3.8
Buck regulators
The PF3000 integrates four independent buck regulators: SW1A, SW1B, SW2, and SW3. Regulators SW1A and SW1B regulators can
be configured as a single regulator through OTP. Output of the buck regulators during start up is programmable through OTP. Each
regulator has associated registers that control its output voltage during On, standby, and sleep modes. During start-up, contents of the
OTP_SWx_VOLT register is copied onto the SWxVOLT[4:0], SWxSTBY[4:0] and SWxOFF[4:0]. After boot up, contents of the SWxVOLT,
SWxSTBY and SWxOFF registers can be set through I2C to set the output voltage during On, standby, and sleep modes respectively.
Figure 9. Generic SWx block diagram
Table 44. VREFDDR external components (57)
Capacitor
Capacitance (
μF)
VINREFDDR (58) to VHALF
0.1
VHALF to GND
0.1
VREFDDR
1.0
Notes
57.
Use X5R or X7R capacitors.
58.
VINREFDDR to GND, 1.0
μF minimum capacitance is provided by buck regulator output.
Table 45. SWx regulators external components
Components
Description
Values
CINSWx
SWx input capacitor
4.7
μF
CINSWxHF
SWx decoupling input capacitor
0.1
μF
COSWx
SWx output capacitor
2 x 22
μF (10 V or higher voltage
rated capacitors) or 3 x 22
μF
(6.3 V rated capacitors)
LSWx
SWx inductor
1.5
μH
Use X5R or X7R capacitors with voltage rating at least two times the nominal voltage.
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SWxIN
SWxLX
SWxFB
ISENSE
COSWx
CINSWx
LSWx
I2C
Interface
EP
SWx
SWxMODE
SWxFAULT
VREF
DAC
VIN
CINSWxHF
Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com