Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PF3000 Datasheet HTML 9Page - NXP Semiconductors PF3000 Datasheet HTML 10Page - NXP Semiconductors PF3000 Datasheet HTML 11Page - NXP Semiconductors PF3000 Datasheet HTML 12Page - NXP Semiconductors PF3000 Datasheet HTML 13Page - NXP Semiconductors PF3000 Datasheet HTML 14Page - NXP Semiconductors PF3000 Datasheet HTML 15Page - NXP Semiconductors PF3000 Datasheet HTML 16Page - NXP Semiconductors PF3000 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 122 page
background image
GENERAL PRODUCT CHARACTERISTICS
NXP Semiconductors
13
PF3000
5.4
Electrical characteristics
Table 6. Electrical characteristics – front-end input LDO
All parameters are specified at TA = -40 °C to 105 °C, VPWR = 5.0 V, VIN = 4.4 V, IVIN = 300 mA, typical external component values, unless
otherwise noted. Typical values are characterized at VPWR = 5.0 V, VIN = 4.4 V, IVIN = 300 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Front end input LDO (VPWR LDO)
VPWR
Operating input voltage
• In regulation
• In dropout operation
4.6
3.7
–
–
5.5
4.6
V
(20)
VIN
On mode output voltage, 4.6 V < VPWR < 5.5 V,
0.0 mA < IVIN < 3000 mA
4.3
4.4
4.55
V
IVIN
Operating load current at VIN, 3.7 V < VPWR < 5.5 V
0.0
–
3.0
A
ILDOGQ
ON mode quiescent current, no load,
–
5.0
10
mA
VIN
Low-power mode output voltage, 4.6 V < VPWR < 5.5 V
0.0 mA < IVIN < 1.0 mA
3.7
4.5
V
VIN_OFF
Off mode output voltage, (CL = 100
μF) 4.6 V < VPWR < 5.5 V,
0.0 mA < IVIN < 35 μA
3.2
4.8
V
ILDOQLP
Low-power mode quiescent current, no load (Standby/Sleep/LPSR
states)
–
150
300
μA
VPWRUV
VPWR undervoltage threshold (upon undervoltage condition the
external pass FET is turned off)
3.1
–
3.7
V
VPWROV
VPWR overvoltage threshold (upon overvoltage condition interrupt is
asserted at INTB)
5.5
–
6.5
V
IVINUVILIMIT
VPWR LDO current limit under VIN short-circuit (VIN < UVDET)
–
–
300
mA
IVINLEAKAGE
Reverse leakage current from VIN to VPWR, No external pass FET,
VPWR is grounded, device is in OFF state
––
1.0
µA
IVPWROFF
VPWR LDO Off mode quiescent current
–
–
75
μA
(21)
Notes
20.
While the front end LDO can handle spikes up to 7.5 V at VPWR for as long as 200 µs, the circuit is not expected to be continuously operated
when VPWR is above 5.5 V.
21.
This specification gives the leakage current in the VPWR LDO block. Total OFF mode current includes the quiescent current from the other blocks
as specified in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com