Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PF3000 Datasheet HTML 2Page - NXP Semiconductors PF3000 Datasheet HTML 3Page - NXP Semiconductors PF3000 Datasheet HTML 4Page - NXP Semiconductors PF3000 Datasheet HTML 5Page - NXP Semiconductors PF3000 Datasheet HTML 6Page - NXP Semiconductors PF3000 Datasheet HTML 7Page - NXP Semiconductors PF3000 Datasheet HTML 8Page - NXP Semiconductors PF3000 Datasheet HTML 9Page - NXP Semiconductors PF3000 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 122 page
background image
INTERNAL BLOCK DIAGRAM
6
NXP Semiconductors
PF3000
3
Internal block diagram
Figure 3. PF3000 simplified internal block diagram
VIN
LICELL
SWBSTFB
SWBSTLX
O/P
Drive
SWBST
600 mA
Boost
SCL
SDA
VDDIO
SW3
1.5 A
Buck
VCOREDIG
VCOREREF
GNDREF
SW1AIN
SW1AFB
SW1ALX
SW1BLX
SW1A
1.0 A
Buck
VSNVS
Li Cell
Charger
SW2
1.25 A
Buck
VLDO1
100 mA
VLDO1
VLDO1IN
VLDO2
250 mA
VLDO2
VCC_SD
V33
2.85 V-
3.30 V
350 mA
V33
VLDO3
100 mA
VLDO3
VLDO34IN
VLDO4
350 mA
VLDO4
Best
of
Supply
OTP
VREFDDR
VDDOTP
VINREFDDR
VHALF
VCORE
PF3000
CONTROL
Clocks
32 kHz and
16 MHz
Initialization State Machine
I2C
Interface
Clocks and
resets
I2C Register
map
Trim-In-Package
O/P
Drive
O/P
Drive
SW1BIN
SW2FB
SW2LX
O/P
Drive
SW2IN
SW3IN
SW3FB
SW3LX
O/P
Drive
GNDREF2
Supplies
Control
DVS Control
DVS CONTROL
Reference
Generation
Core Control logic
GNDREF2
GNDREF1
SW1B
1.75 A
Buck
SW1BFB
LDO
LDOG
VPWR
VLDO2IN
VREF
VIN2
VIN2
VCC_SD
1.8 V/3.15V
100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com