Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PF3000 Datasheet HTML 8Page - NXP Semiconductors PF3000 Datasheet HTML 9Page - NXP Semiconductors PF3000 Datasheet HTML 10Page - NXP Semiconductors PF3000 Datasheet HTML 11Page - NXP Semiconductors PF3000 Datasheet HTML 12Page - NXP Semiconductors PF3000 Datasheet HTML 13Page - NXP Semiconductors PF3000 Datasheet HTML 14Page - NXP Semiconductors PF3000 Datasheet HTML 15Page - NXP Semiconductors PF3000 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 122 page
background image
GENERAL PRODUCT CHARACTERISTICS
12
NXP Semiconductors
PF3000
5.3
Current consumption
The current consumption of the individual blocks is described in detail in the following table.
Table 5. Current consumption summary
TA= -40 °C to 105 °C, VPWR= 0 V (External pass FET is not populated), VIN = 3.6 V, VDDIO = 1.7 V to 3.6 V, LICELL = 1.8 V to 3.3 V,
VSNVS = 3.0 V, typical external component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VPWR = 0 V,
VDDIO = 3.3 V, LICELL = 3.0 V, VSNVS = 3.0 V and 25 °C, unless otherwise noted.
Mode
PF3000 conditions
System conditions
Typ.
Max.
Unit
Notes
Coin cell
VSNVS from LICELL, All other blocks
off, VIN = 0.0 V
No load on VSNVS
4.0
7.0
μA
(16) (17)
Off
VSNVS from VIN or LICELL
Wake-up from PWRON active
32 kHz RC on
All other blocks off
VIN
≥ UVDET
No load on VSNVS, PMIC able to
wake-up
16
25
μA
(16) (17)
Sleep LPSR
VSNVS from VIN
Wake-up from PWRON active
Trimmed reference active
SW3 PFM. All other regulators off.
Trimmed 16 MHz RC off
32 kHz RC on
VREFDDR disabled
No load on any of the regulators.
130 (16)
200 (19)
220 (16)
μA
(18)
LDO1 & LDO3 activated in addition to
SW3
No load on any of the regulators.
170 (16)
260 (19)
248 (16)
μA
(18)
Standby
VSNVS from either VIN or LICELL
SW1A in PFM
SW1B in PFM
SW2 in PFM
SW3 in PFM
SWBST off
Trimmed 16 MHz RC enabled
Trimmed reference active
VLDO1-4 enabled
V33 enabled
VCC_SD enabled
VREFDDR enabled
No load on any of the regulators.
297
450
μA
(18)
ON
VSNVS from VIN
SW1A in APS
SW1B in APS
SW2 in APS
SW3 in APS
SWBST off
Trimmed 16 MHz RC enabled
Trimmed reference active
VLDO1-4 enabled
V33 enabled
VCC_SD enabled
VREFDDR enabled
No load on any of the regulators.
1.2
m
A
Notes
16.
At 25 °C only.
17.
When VIN is below the UVDET threshold, in the range of 1.8 V ≤ VIN < 2.65 V, the quiescent current increases by 50 μA, typically.
18.
For PFM operation, headroom should be 300 mV or greater.
19.
At 105 °C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com