Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PF3000 Datasheet HTML 38Page - NXP Semiconductors PF3000 Datasheet HTML 39Page - NXP Semiconductors PF3000 Datasheet HTML 40Page - NXP Semiconductors PF3000 Datasheet HTML 41Page - NXP Semiconductors PF3000 Datasheet HTML 42Page - NXP Semiconductors PF3000 Datasheet HTML 43Page - NXP Semiconductors PF3000 Datasheet HTML 44Page - NXP Semiconductors PF3000 Datasheet HTML 45Page - NXP Semiconductors PF3000 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 122 page
background image
FUNCTIONAL DESCRIPTION AND APPLICATION INFORMATION
42
NXP Semiconductors
PF3000
6.3.8.3
Regulator phase clock
The SWxPHASE[1:0] bits select the phase of the regulator clock as shown in Table 49. By default, each regulator is initialized at 90 ° out
of phase with respect to each other. For example, SW1x is set to 0 °, SW2 is set to 90 °, and SW3 is set to 180 ° by default at power up.
The SWxFREQ[1:0] register is used to set the desired switching frequency for each one of the buck regulators. Table 51 shows the
selectable options for SWxFREQ[1:0]. For each frequency, all phases are available, this allows regulators operating at different
frequencies to have different relative switching phases. However, not all combinations are practical. For example, 2.0 MHz, 90 ° and
4.0 MHz, 180 ° are the same in terms of phasing. Table 50 shows the optimum phasing when using more than one switching frequency.
6.3.8.4
SW1A/B
SW1A/B are 1 to 2.75 A buck regulators that can be configured in various phasing schemes, depending on the desired cost/performance
trade-offs. The following configurations are available:
• SW1A/B single phase with one inductor
• SW1A in independent with one inductor and SW1B in independent mode with a second inductor
The desired configuration is programmed by OTP by using OTP_SW1_CONFIG[1:0] bits in the register map, as shown below in Table 52.
Table 49. Regulator phase clock selection
SWxPHASE[1:0]
Phase of clock sent to
regulator (degrees)
00
0
01
90
10
90
11
270
Table 50. Optimum phasing
Frequencies
Optimum Phasing
1.0 MHz
2.0 MHz
0°
180°
1.0 MHz
4.0 MHz
0°
180°
2.0 MHz
4.0 MHz
0°
180°
1.0 MHz
2.0 MHz
4.0 MHz
0°
90°
90°
Table 51. Regulator frequency configuration
SWxFREQ[1:0]
Frequency
00
1.0 MHz
01
2.0 MHz (default)
10
4.0 MHz
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com