Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PF3000 Datasheet HTML 4Page - NXP Semiconductors PF3000 Datasheet HTML 5Page - NXP Semiconductors PF3000 Datasheet HTML 6Page - NXP Semiconductors PF3000 Datasheet HTML 7Page - NXP Semiconductors PF3000 Datasheet HTML 8Page - NXP Semiconductors PF3000 Datasheet HTML 9Page - NXP Semiconductors PF3000 Datasheet HTML 10Page - NXP Semiconductors PF3000 Datasheet HTML 11Page - NXP Semiconductors PF3000 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 122 page
background image
PIN CONNECTIONS
8
NXP Semiconductors
PF3000
4.2
Pin definitions
Table 2. Pin definitions
Pin number
Pin name
Pin
function
Type
Definition
1
INTB
O
Digital
Open drain interrupt signal to processor
2
SD_VSEL
I/O
Digital
Input from i.MX processor to select VCC_SD regulator voltage
• SD_VSEL=0, VCC_SD = 2.85 V to 3.3 V
• SD_VSEL= 1, VCC_SD = 1.8 V to 1.85 V
3
RESETBMCU
O
Digital
Open drain reset output to processor
4
STANDBY
I
Digital
Standby input signal from processor
5
ICTEST
I
Digital and
Analog
Reserved pin. Connect to GND in application
6
SW1AFB (4)
I
Analog
SW1A output voltage feedback pin. Route this trace separately from the high current
path and terminate at the output capacitance or near the load, if possible for best
regulation
7SW1AIN (4)
I
Analog
Input to SW1A regulator. Bypass with at least a 4.7 µF ceramic capacitor and a 0.1 µF
decoupling capacitor as close to the pin as possible
8
SW1ALX (4)
O
Analog
Switcher 1A switch node connection. Connect to SW1A inductor when used in SW1A
independent mode. Connect to SW1BLX and connect to SW1AB inductor when using
SW1A/B as a single regulator
9
SW1BLX (4)
O
Analog
Switcher 1B switch node connection. Connect to SW1B inductor when used in SW1B
independent mode. Connect to SW1ALX and connect to SW1AB inductor when using
SW1A/B as a single regulator
10
SW1BIN (4)
I
Analog
Input to SW1B regulator. Bypass with at least a 4.7 µF ceramic capacitor and a 0.1 µF
decoupling capacitor as close to the pin as possible
11
SW1BFB (4)
I
Analog
SW1B output voltage feedback pin. Route this trace separately from the high current
path and terminate at the output capacitor or near the load, if possible for best regulation
12
GNDREF1
GND
GND
Ground reference for SW1A/B. Connect to GND. Keep away from high current ground
return paths
13
VLDO1IN
I
Analog
VLDO1 input supply. Bypass with a 1.0 µF decoupling capacitor as close to the pin as
possible
14
VLDO1
O
Analog
VLDO1 regulator output. Bypass with a 2.2 µF ceramic output capacitor
15
VLDO2
O
Analog
VLDO2 regulator output. Bypass with a 4.7 µF ceramic output capacitor
16
VLDO2IN
I
Analog
VLDO2 input supply. Bypass with a 1.0 µF decoupling capacitor as close to the pin as
possible
17
SW2LX (4)
O
Analog
Switcher 2 switch node connection.Connect to SW2 inductor
18
SW2IN (4)
I
Analog
Input to SW2 regulator. Bypass with at least a 4.7 µF ceramic capacitor and a 0.1 µF
decoupling capacitor as close to the pin as possible
19
SW2FB (4)
I
Analog
SW2 output voltage feedback pin. Route this trace separately from the high current path
and terminate at the output capacitor or near the load, if possible for best regulation
20
VLDO3
O
Analog
VLDO3 regulator output. Bypass with a 2.2 µF ceramic output capacitor
21
VLDO34IN
I
Analog
VLDO3 and VLDO4 input supply. Bypass with a 1.0 µF decoupling capacitor as close to
the pin as possible
22
VLDO4
O
Analog
VLDO4 regulator output. Bypass with a 2.2 µF ceramic output capacitor
23
VHALF
I
Analog
Half supply reference for VREFDDR. Bypass with 0.1 µF to ground.
24
VINREFDDR
I
Analog
VREFDDR regulator input. Connect a 0.1 µF capacitor between VINREFDDR and
VHALF pin. Ensure there is at least 1.0 µF net capacitance from VINREFDDR to ground
25
VREFDDR
O
Analog
VREFDDR regulator output.Bypass with 1.0 µF to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com