Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PF3000 Datasheet HTML 63Page - NXP Semiconductors PF3000 Datasheet HTML 64Page - NXP Semiconductors PF3000 Datasheet HTML 65Page - NXP Semiconductors PF3000 Datasheet HTML 66Page - NXP Semiconductors PF3000 Datasheet HTML 67Page - NXP Semiconductors PF3000 Datasheet HTML 68Page - NXP Semiconductors PF3000 Datasheet HTML 69Page - NXP Semiconductors PF3000 Datasheet HTML 70Page - NXP Semiconductors PF3000 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 122 page
background image
FUNCTIONAL DESCRIPTION AND APPLICATION INFORMATION
NXP Semiconductors
67
PF3000
Table 87. Register INTSENSE3 - ADDR 0x10
Name
Bit #
R/W
Default
Description
SWBSTFAULTS
0
R
0
SWBST overcurrent limit sense bit
0 = Normal operation
1 = Above current limit
Unused
1
–
0b0
Unused
VPWROVS
2
R
0
VPWR overvoltage interrupt sense bit
Unused
5:3
–
0b000
Unused
OTP_AUTO_BLOW_
DONE_S
6R
0
OTP auto blow sense bit. This bit is high while
the auto blow sequence is running. Do not read/
write the OTP TBB registers while this bit is 1.
OTP_ECCS
7
R
0
OTP error sense bit
0 = No error detected
1 = OTP error detected
Table 88. Register INTSTAT4 - ADDR 0x11
Name
Bit #
R/W
Default
Description
VLDO1FAULTI
0
R/W1C
0
VLDO1 overcurrent interrupt bit
VLDO2FAULTI
1
R/W1C
0
VLDO2 overcurrent interrupt bit
VCC_SDFAULTI
2
R/W1C
0
VCC_SD overcurrent interrupt bit
V33FAULTI
3
R/W1C
0
V33 overcurrent interrupt bit
VLDO3FAULTI
4
R/W1C
0
VLDO3 overcurrent interrupt bit
VLDO4FAULTI
5
R/W1C
0
VLDO4 overcurrent interrupt bit
Unused
7:6
–
0b00
Unused
Table 89. Register INTMASK4 - ADDR 0x12
Name
Bit #
R/W
Default
Description
VLDO1FAULTM
0
R/W
1
VLDO1 overcurrent interrupt mask bit
VLDO2FAULTM
1
R/W
1
VLDO2 overcurrent interrupt mask bit
VCC_SDFAULTM
2
R/W
1
VCC_SD overcurrent interrupt mask bit
V33FAULTM
3
R/W
1
V33 overcurrent interrupt mask bit
VLDO3FAULTM
4
R/W
1
VLDO3 overcurrent interrupt mask bit
VLDO4FAULTM
5
R/W
1
VLDO4 overcurrent interrupt mask bit
Unused
7:6
–
0b00
Unused
Table 90. Register INTSENSE4 - ADDR 0x13
Name
Bit #
R/W
Default
Description
VLDO1FAULTS
0
R
0
VLDO1 overcurrent sense bit
0 = Normal operation
1 = Above current limit
VLDO2FAULTS
1
R
0
VLDO2 overcurrent sense bit
0 = Normal operation
1 = Above current limit
VCC_SDFAULTS
2
R
0
VCC_SD overcurrent sense bit
0 = Normal operation
1 = Above current limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com