Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PF3000 Datasheet HTML 36Page - NXP Semiconductors PF3000 Datasheet HTML 37Page - NXP Semiconductors PF3000 Datasheet HTML 38Page - NXP Semiconductors PF3000 Datasheet HTML 39Page - NXP Semiconductors PF3000 Datasheet HTML 40Page - NXP Semiconductors PF3000 Datasheet HTML 41Page - NXP Semiconductors PF3000 Datasheet HTML 42Page - NXP Semiconductors PF3000 Datasheet HTML 43Page - NXP Semiconductors PF3000 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 122 page
background image
FUNCTIONAL DESCRIPTION AND APPLICATION INFORMATION
40
NXP Semiconductors
PF3000
6.3.8.1
Switching modes
To improve system efficiency the buck regulators can operate in different switching modes. Changing between switching modes can occur
by any of the following means: I2C programming, exiting/entering the standby mode, exiting/entering sleep mode, and load current
variation. Available switching modes for buck regulators are presented in Table 45.
During soft-start of the buck regulators, the controller transitions through the PFM, APS, and PWM switching modes. 3.0 ms after the
output voltage reaches regulation, the controller transitions to the selected switching mode. Depending on the particular switching mode
selected, additional ripple may be observed on the output voltage rail as the controller transitions between switching modes. The operating
mode of the regulator in On and standby modes is controlled using the SWxMODE[3:0] bits associated with each regulator. Table 46
summarizes the buck regulator programmability for normal and standby modes.
Transitioning between normal and standby modes can affect a change in switching modes as well as output voltage. When in standby
mode, the regulator outputs the voltage programmed in its standby voltage register and operates in the mode selected by the
SWxMODE[3:0] bits. Upon exiting standby mode, the regulator returns to its normal switching mode and its output voltage programmed
in its voltage register.
Table 46. Switching mode description
Mode
Description
OFF
The regulator is switched off and the output voltage is discharged using an internal resistor
PFM
In this mode, the regulator operates in forced PFM mode. The main error amplifier is turned
off and a hysteretic comparator is used to regulate output voltage. Use this mode for load
currents less than 50 mA.
PWM
In this mode, the regulator operates in forced PWM mode.
APS
In this mode, the regulator operates in pulse skipping mode at light loads and switches over
to PWM modes for heavier load conditions. This is the default mode in which the regulators
power up during a turn-on event.
Table 47. Regulator mode control
SWxMODE[3:0]
Normal mode
Standby mode
0000
Off
Off
0001
PWM
Off
0010
Reserved
Reserved
0011
PFM
Off
0100
APS
Off
0101
PWM
PWM
0110
PWM
APS
0111
Reserved
Reserved
1000 (default)
APS
APS
1001
Reserved
Reserved
1010
Reserved
Reserved
1011
Reserved
Reserved
1100
APS
PFM
1101
PWM
PFM
1110
Reserved
Reserved
1111
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com