Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button PF3000 Datasheet HTML 92Page - NXP Semiconductors PF3000 Datasheet HTML 93Page - NXP Semiconductors PF3000 Datasheet HTML 94Page - NXP Semiconductors PF3000 Datasheet HTML 95Page - NXP Semiconductors PF3000 Datasheet HTML 96Page - NXP Semiconductors PF3000 Datasheet HTML 97Page - NXP Semiconductors PF3000 Datasheet HTML 98Page - NXP Semiconductors PF3000 Datasheet HTML 99Page - NXP Semiconductors PF3000 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 122 page
background image
FUNCTIONAL DESCRIPTION AND APPLICATION INFORMATION
96
NXP Semiconductors
PF3000
6.6.5.3.42 VSNVS control register (VSNVSCTL)
This register is used to control the VSNVS supply operation.
6.6.5.3.43 VLDO1 control register (VLDO1CTL)
This register is used to configure output voltage, normal and standby mode operation of the VLDO1 regulator.
Table 179. VSNVS control register (VSNVSCTL)
Address: 0x6B functional page
Access: User read/write (141)
76543
2
1
0
R
VSNVSVOLT
W
Default
00000
X (142)
X (142)
X (142)
= Unimplemented or Reserved
Notes
141.
Read: Anytime
Write: Anytime
142.
Default value depends on OTP content.
Table 180. VSNVSCTL field descriptions
Field
Description
2:0
VSNVSVOLT
VSNVS output voltage configuration— VSNVSVOLT is used to configure the VSNVS output voltage. Values below are
typical voltages.
000 = RSVD
001 = RSVD
010 = RSVD
011 = RSVD
100 = RSVD
101 = RSVD
110 = 3.0 V (default)
111 = RSVD
Table 181. VLDO1 control register (VLDO1CTL)
Address: 0x6C functional page
Access: User read/write (143)
76
5
4
321
0
R
LDO1OMODE
VLDO1LPWR
VLDO1STBY
VLDO1EN
VLDO1
W
Default
0
0
0
X (144)
X (144)
X (144)
X (144)
X (144)
= Unimplemented or Reserved
Notes
143.
Read: Anytime
Write: Anytime
144.
Default value depends on OTP content.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com