Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 4 Page - NXP Semiconductors

  PF3000 Datasheet HTML 1Page - NXP Semiconductors PF3000 Datasheet HTML 2Page - NXP Semiconductors PF3000 Datasheet HTML 3Page - NXP Semiconductors PF3000 Datasheet HTML 4Page - NXP Semiconductors PF3000 Datasheet HTML 5Page - NXP Semiconductors PF3000 Datasheet HTML 6Page - NXP Semiconductors PF3000 Datasheet HTML 7Page - NXP Semiconductors PF3000 Datasheet HTML 8Page - NXP Semiconductors PF3000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 122 page
background image
GENERAL DESCRIPTION
4
NXP Semiconductors
PF3000
2
General description
The PF3000 is the power management integrated circuit (PMIC) designed primarily for use with NXP’s i.MX 7 series of multi-media
application processors. It is also capable of providing full power solution to i.MX 6SL/SX/UL processors.
2.1
Features
This section summarizes the PF3000 features.
• Input voltage range to PMIC: 2.8 V to 4.5 V, or 3.7 V to 5.5 V (3)
• Buck regulators
• Configurable three to four channels
• SW1A/B, 2.75 A (single); 0.7 V to 1.425 V, 1.8 V, 3.3 V
•SW1A, 1.0 A (independent); 0.7 V to 1.425 V, 1.8 V, 3.3 V
• SW1B 1.75 A (independent); 0.7 V to 1.475 V
• SW2, 1.25 A; 1.50 V to 1.85 V or 2.50 V to 3.30 V
•SW3, 1.5 A; 0.90 V to 1.65 V
• Dynamic voltage scaling
• Modes: PWM, PFM, APS
• Programmable output voltage
• Programmable current limit
• Programmable soft start sequence
• Programmable PWM switching frequency
• Boost regulator
• SWBST, 5.0 to 5.15 V, 0.6 A, OTG support
• Modes: PFM and Auto
• OCP fault interrupt
•LDOs
• VCC_SD, 1.8 V to 1.85 V or 2.85 V to 3.30 V, 100 mA based on SD_VSEL
• V33, 2.85 V to 3.30 V, 350 mA
• VLDO1, 1.8 V to 3.3 V, 100 mA
• VLDO2, 0.80 V to 1.55 V, 250 mA
• VLDO3, 1.8 V to 3.3 V, 100 mA
• VLDO4, 1.8 V to 3.3 V, 350 mA
• Always ON RTC Regulator/Switch VSNVS 3.0 V, 1.0 mA
• DDR memory reference voltage, VREFDDR, 0.5 V to 0.9 V, 10 mA
• OTP (One time programmable) memory for device configuration, user-programmable start-up sequence and timing
• Battery backed memory including coin cell charger
•I2C interface
• User programmable standby, sleep/LPSR, and Off modes
Notes
3.
2.8 V to 4.5 V when VIN is used at input. 3.7 V to 5.5 V when VPWR is used as input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com