Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button PF3000 Datasheet HTML 93Page - NXP Semiconductors PF3000 Datasheet HTML 94Page - NXP Semiconductors PF3000 Datasheet HTML 95Page - NXP Semiconductors PF3000 Datasheet HTML 96Page - NXP Semiconductors PF3000 Datasheet HTML 97Page - NXP Semiconductors PF3000 Datasheet HTML 98Page - NXP Semiconductors PF3000 Datasheet HTML 99Page - NXP Semiconductors PF3000 Datasheet HTML 100Page - NXP Semiconductors PF3000 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 122 page
background image
FUNCTIONAL DESCRIPTION AND APPLICATION INFORMATION
NXP Semiconductors
97
PF3000
6.6.5.3.44 VLDO2 control register (VLDO2CTL)
This register is used to configure output voltage, normal, and standby mode operation of the VLDO2 regulator.
Table 182. VLDO1CTL field descriptions
Field
Description
7
LDO1OMODE
VLDO1 OFF mode bit—LDO1OMODE is used to configure VLDO1 operating mode when a PWRON turn-off event occurs.
0
VLDO1 in OFF mode if a PWRON turn off event occurs
1
VLDO1 in sleep mode if a PWRON turn off event occurs
6
VLDO1LPWR
VLDO1 Low-power mode enable bit— When VLDO1LPWR is set to 1, VLDO1 can enter Low-power mode per the conditions in
the Table 66.
0
Low-power mode disabled
1
Low-power mode enabled
5
VLDO1STBY
VLDO1 standby enable bit— When VLDO1STBY is set to 1, VLDO1 is turned off during standby mode. Refer to Table 66.
0
VLDO1 is ON during standby mode.
1
VLDO1 is OFF during standby mode.
4
VLDO1EN
VLDO1 enable bit — VLDO1EN is used to enable or disable the VLDO1 regulator.
0
VLDO1 disabled
1
VLDO1 enabled
3:0
VLDO1
VLDO1 output voltage configuration— Refer to Table 62.
Table 183. VLDO2 control register (VLDO2CTL)
Address: 0x6D functional page
Access: User read/write (145)
76
5
4
32
1
0
R
LDO2OMODE
VLDO2LPWR
VLDO2STBY
VLDO2EN
VLDO2
W
Default
0
0
0
X (146)
X (146)
X (146)
X (146)
X (146)
= Unimplemented or Reserved
Notes
145.
Read: Anytime
Write: Anytime
146.
Default value depends on OTP content.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com