Electronic Components Datasheet Search
  English  ▼

X  

PF3000 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PF3000
Description  Power management integrated
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF3000 Datasheet(HTML) 3 Page - NXP Semiconductors

  PF3000 Datasheet HTML 1Page - NXP Semiconductors PF3000 Datasheet HTML 2Page - NXP Semiconductors PF3000 Datasheet HTML 3Page - NXP Semiconductors PF3000 Datasheet HTML 4Page - NXP Semiconductors PF3000 Datasheet HTML 5Page - NXP Semiconductors PF3000 Datasheet HTML 6Page - NXP Semiconductors PF3000 Datasheet HTML 7Page - NXP Semiconductors PF3000 Datasheet HTML 8Page - NXP Semiconductors PF3000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 122 page
background image
ORDERABLE PARTS
NXP Semiconductors
3
PF3000
1
Orderable parts
The PF3000 is available with pre-programmed OTP memory configurations. The devices are identified using the program codes from
Table 1. Details of the OTP programming for each device can be found in Table 42.
Table 1. Orderable part variations
Part number
Temperature (TA)
Package
Programming options
Notes
MC32PF3000A0EP
-40 °C to 85 °C
(For use in Consumer
applications)
98ASA00719D, 48 QFN 7.0 mm x
7.0 mm with exposed pad
0 - Not programmed
(1), (2)
MC32PF3000A1EP
1 (i.MX 7 with DDR3L)
MC32PF3000A2EP
2 (i.MX 7 with LPDDR3)
MC32PF3000A3EP
3 (i.MX 6SX with DDR3L)
MC32PF3000A4EP
4 (i.MX 6SX with DDR3)
MC32PF3000A5EP
5 (i.MX 6SL with LPDDR2)
MC32PF3000A6EP
6 (i.MX 6UL with LPDDR2)
MC32PF3000A7EP
7 (i.MX 6UL with DDR3L)
MC32PF3000A8EP
8 (i.MX 6UL with DDR3)
MC33PF3000A0ES
-40 °C to 105 °C
(For use in Automotive
applications)
98ASA00933D, 48 QFN 7.0 mm x
7.0 mm WF-type (wettable flank)
0 - Not programmed
(1), (2)
MC33PF3000A3ES
3 (i.MX 6SX with DDR3L)
MC33PF3000A4ES
4 (i.MX 6SX with DDR3)
MC33PF3000A5ES
5 (i.MX 6SL with LPDDR2)
MC33PF3000A6ES
6 (i.MX 6UL with LPDDR2)
MC33PF3000A7ES
7 (i.MX 6UL with DDR3L)
MC34PF3000A0EP
-40 °C to 105 °C
(For use in Industrial
applications)
98ASA00719D, 48 QFN 7.0 mm x
7.0 mm with exposed pad
0 - Not programmed
(1), (2)
MC34PF3000A1EP
1 (i.MX 7 with DDR3L)
MC34PF3000A2EP
2 (i.MX 7 with LPDDR3)
MC34PF3000A3EP
3 (i.MX 6SX with DDR3L)
MC34PF3000A4EP
4 (i.MX 6SX with DDR3)
MC34PF3000A5EP
5 (i.MX 6SL with LPDDR2)
MC34PF3000A6EP
6 (i.MX 6UL with LPDDR2)
MC34PF3000A7EP
7 (i.MX 6UL with DDR3L)
MC34PF3000A8EP
8 (i.MX 6UL with DDR3)
Notes
1.
For tape and reel, add an R2 suffix to the part number.
2.
The programming options specified in this table are reference for customer application. The part number selection should match the board power
tree design. Table 42 provides details of the OTP programming for each device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com