Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 106 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 106 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 102Page - Infineon Technologies AG XC2000 Datasheet HTML 103Page - Infineon Technologies AG XC2000 Datasheet HTML 104Page - Infineon Technologies AG XC2000 Datasheet HTML 105Page - Infineon Technologies AG XC2000 Datasheet HTML 106Page - Infineon Technologies AG XC2000 Datasheet HTML 107Page - Infineon Technologies AG XC2000 Datasheet HTML 108Page - Infineon Technologies AG XC2000 Datasheet HTML 109Page - Infineon Technologies AG XC2000 Datasheet HTML 110Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 106 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Package and Reliability
Preliminary
Data Sheet
104
V0.91, 2007-02
Draft Version
5
Package and Reliability
In addition to the electrical parameters, the following information ensures proper
integration of the XC228x into the target system.
5.1
Packaging
These parameters describe the housing rather than the silicon.
Table 26
Package Parameters (PG-LQFP-144)
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.
Exposed Pad Dimension
Ex
× Ey –
6.5
× 6.5 mm
–
Power Dissipation
P
DISS
–1.0
W
–
Thermal resistance
Junction-Ambient
RΘJA
–
45
K/W
No thermal via
1)
1) Device mounted on a 2-layer or 4-layer board without thermal vias.
36
K/W
4-layer, no pad
2)
2) Device mounted on a 4-layer board with thermal vias, exposed pad not soldered.
22
K/W
4-layer, pad
3)
3) Device mounted on a 4-layer board with thermal vias, exposed pad soldered to the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com