Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 108 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 108 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 102Page - Infineon Technologies AG XC2000 Datasheet HTML 103Page - Infineon Technologies AG XC2000 Datasheet HTML 104Page - Infineon Technologies AG XC2000 Datasheet HTML 105Page - Infineon Technologies AG XC2000 Datasheet HTML 106Page - Infineon Technologies AG XC2000 Datasheet HTML 107Page - Infineon Technologies AG XC2000 Datasheet HTML 108Page - Infineon Technologies AG XC2000 Datasheet HTML 109Page - Infineon Technologies AG XC2000 Datasheet HTML 110Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 108 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Package and Reliability
Preliminary
Data Sheet
106
V0.91, 2007-02
Draft Version
5.2
Thermal Considerations
When operating the XC228x in a system, the total heat generated on the chip must be
dissipated to the ambient environment to prevent overheating and resulting thermal
damages.
The maximum heat that can be dissipated depends on the package and its integration
into the target board. The “Thermal resistance
RΘJA” is a measure for these parameters.
The power dissipation must be limited so the average junction temperature does not
exceed 150 °C.
The difference between junction temperature and ambient temperature is determined by
∆T = (P
INT + PIOSTAT + PIODYN) × R
ΘJA
The internal power consumption is defined as
P
INT = VDDP × IDDP (see Table 14).
The static external power consumption caused by the output drivers is defined as
P
IOSTAT = Σ((VDDP-VOH) × IOH) + Σ(VOL × IOL)
The dynamic external power consumption caused by the output drivers (
P
IODYN) depends
on the capacitive load connected to the respective pins and the switching frequencies.
If the total power dissipation determined for a given system configuration exceeds the
defined limit countermeasures must be taken to ensure proper system operation:
•
Reduce
V
DDP, if possible in the system
•
Reduce the system frequency
•
Reduce the number of output pins
•
Reduce the load on active output drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com