Electronic Components Datasheet Search
  English  ▼

X  

LPC1766 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # LPC1766
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC1766 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button LPC1766 Datasheet HTML 12Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 13Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 14Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 15Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 16Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 17Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 18Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 19Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Fig 3.
LPC1766 memory map
0x5000 0000
0x5000 4000
0x5000 8000
0x5000 C000
0x5001 4000
0x5001 8000
0x5020 0000
0x5001 0000
AHB peripherals
Ethernet controller
USB controller
reserved
reserved
127- 6 not used
GPIO
GPDMA controller
0
1
2
3
5
4
APB0 peripherals
0x4000 4000
0x4000 8000
0x4000 C000
0x4001 0000
0x4001 8000
0x4002 0000
0x4002 8000
0x4002 C000
0x4003 4000
0x4003 0000
0x4003 8000
0x4003 C000
0x4004 0000
0x4004 4000
0x4004 8000
0x4004 C000
0x4005 C000
0x4006 0000
0x4008 0000
0x4002 4000
0x4001 C000
0x4001 4000
0x4000 0000
WDT
TIMER0
TIMER1
UART0
UART1
not used
I2C0
SPI
RTC + backup registers
GPIO interrupts
pin connect
SSP1
ADC
CAN AF RAM
CAN AF registers
CAN common
CAN1
CAN2
22 - 19 not used
I2C1
31 - 24 not used
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
23
APB1 peripherals
0x4008 0000
0x4008 8000
0x4008 C000
0x4009 0000
0x4009 4000
0x4009 8000
0x4009 C000
0x400A 0000
0x400A 4000
0x400A 8000
0x400A C000
0x400B 0000
0x400B 4000
0x400B 8000
0x400B C000
0x400C 0000
0x400F C000
0x4010 0000
SSP0
DAC
Timer 2
Timer 3
UART2
UART3
not used
I2S
I2C2
1 - 0 reserved
2
3
4
5
6
7
8
9
10
not used
repetitive interrupt timer
11
12
not used
motor control PWM
30 - 16 not used
13
14
15
system control
31
reserved
reserved
32 kB local static RAM
reserved
reserved
private peripheral bus
0x0000 0000
0 GB
0.5 GB
4 GB
1 GB
0x0004 0000
0x1000 0000
0x1000 8000
0x1FFF 0000
0x1FFF 2000
0x2000 0000
0x2000 8000
0x2200 0000
0x2400 0000
0x4000 0000
0x4008 0000
0x4010 0000
0x4200 0000
0x4400 0000
0x5000 0000
0x5020 0000
0xE000 0000
0xE010 0000
0xFFFF FFFF
reserved
reserved
reserved
reserved
reserved
APB0 peripherals
AHB peripherals
APB1 peripherals
AHB SRAM bit band alias addressing
peripheral bit band alias addressing
AHB SRAM (2 blocks of 16 kB)
LPC1766 memory space
256 kB on-chip flash
QEI
PWM1
8 kB boot ROM
0x0000 0000
0x0000 0200
active interrupt vectors
+ 512 byte
I-code/D-code
memory space
002aad946



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com