Electronic Components Datasheet Search
  English  ▼

X  

LPC1766 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # LPC1766
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC1766 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button LPC1766 Datasheet HTML 42Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 43Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 44Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 45Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 46Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 47Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 48Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 49Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
46 of 70
NXP Semiconductors
LPC1766
Fast communication chip
Measured on pins Pn.m; VDD(3V3) = x.x V.
Fig 12. Typical pull-up current Ipu versus input voltage Vi
Measured on pins Pn.m; VDD(3V3) = x.x V.
Fig 13. Typical pull-down current Ipd versus input voltage Vi
Vi (V)
0
6.0
4.0
2.0
002aad981
−50
−75
−25
0
Ipu
(
μA)
−100
tbd
T = 85
°C
T = 25
°C
T =
−40 °C
Vi (V)
0
6.0
4.0
2.0
002aad982
150
50
200
250
Ipd
(
μA)
0
tbd
T = 85
°C
T = 25
°C
T =
−40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com