Electronic Components Datasheet Search
  English  ▼

X  

LPC1766 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LPC1766
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC1766 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LPC1766 Datasheet HTML 1Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 2Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 3Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 4Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 5Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 6Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 7Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 8Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
2 of 70
NXP Semiconductors
LPC1766
Fast communication chip
Eight channel General Purpose DMA controller (GPDMA) on the AHB multilayer
matrix that can be used with the SSP, I2S, UART, the Analog-to-Digital and
Digital-to-Analog converter peripherals, timer match signals, and for
memory-to-memory transfers.
Multilayer AHB matrix interconnect provides a separate bus for each AHB master.
AHB masters include the CPU, General Purpose DMA controller, Ethernet MAC, and
the USB interface. This interconnect provides communication with no arbitration
delays.
Split APB bus allows high throughput with few stalls between the CPU and DMA.
Serial interfaces:
Ethernet MAC with RMII interface and dedicated DMA controller.
USB 2.0 full-speed device/Host/OTG controller with dedicated DMA controller and
on-chip PHY for device, Host, and OTG functions.
Four UARTs with fractional baud rate generation, internal FIFO, DMA support, and
RS-485 support. One UART has modem control I/O, and one UART has IrDA
support.
CAN 2.0B controller with two channels.
SPI controller with synchronous, serial, full duplex communication and
programmable data length.
Two SSP controllers with FIFO and multi-protocol capabilities. The SSP interfaces
can be used with the GPDMA controller.
Two I2C-bus interfaces supporting fast mode with a data rate of 400 kbits/s with
multiple address recognition and monitor mode.
One I2C-bus interface supporting full I2C-bus specification and fast mode plus with
a data rate of 1 Mbit/s with multiple address recognition and monitor mode.
I2S (Inter-IC Sound) interface for digital audio input or output, with fractional rate
control. The I2S interface can be used with the GPDMA. The I2S interface supports
3-wire and 4-wire data transmit and receive as well as master clock input/output.
Other peripherals:
70 General Purpose I/O (GPIO) pins with configurable pull-up/down resistors and a
new, configurable open-drain operating mode.
12-bit Analog-to-Digital Converter (ADC) with input multiplexing among eight pins,
conversion rates up to 1 MHz, and multiple result registers. The 12-bit ADC can be
used with the GPDMA controller.
10-bit Digital-to-Analog Converter (DAC) with dedicated conversion timer and DMA
support.
Four general purpose timers/counters, with a total of eight capture inputs and ten
compare outputs. Each timer block has an external count input and DMA support.
One motor control PWM with support for three-phase motor control.
Quadrature encoder interface that can monitor one external quadrature encoder.
One standard PWM/timer block with external count input.
Real-Time Clock (RTC) with a separate power domain and dedicated RTC
oscillator. The RTC block includes 64 bytes of battery-powered backup registers.
Watchdog Timer (WDT) resets the microcontroller within a reasonable amount of
time if it enters an erroneous state.
System tick timer, including an external clock input option.
Repetitive interrupt timer provides programmable and repeating timed interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com