Electronic Components Datasheet Search
  English  ▼

X  

LPC1766 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # LPC1766
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC1766 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button LPC1766 Datasheet HTML 18Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 19Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 20Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 21Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 22Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 23Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 24Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 25Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
22 of 70
NXP Semiconductors
LPC1766
Fast communication chip
• FullCAN messages can generate interrupts.
7.14 12-bit ADC
The LPC1766 contains one ADC. It is a single 12-bit successive approximation ADC with
eight channels and DMA support.
7.14.1 Features
• 12-bit successive approximation ADC.
• Input multiplexing among 8 pins.
• Power-down mode.
• Measurement range Vi(VREFN) to Vi(VREFP).
• 12-bit conversion rate: 1 MHz.
• Individual channels can be selected for conversion.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition of input pin or Timer Match signal.
• Individual result registers for each ADC channel to reduce interrupt overhead.
• DMA support.
7.15 10-bit DAC
The DAC allows the LPC1766 to generate a variable analog output. The maximum output
value of the DAC is Vi(VREFP).
7.15.1 Features
• 10-bit DAC
• Resistor string architecture
• Buffered output
• Power-down mode
• Selectable output drive
• Dedicated conversion timer
• DMA support
7.16 UARTs
The LPC1766 each contain four UARTs. In addition to standard transmit and receive data
lines, UART1 also provides a full modem control handshake interface.
Support for RS-485/9-bit mode allows both software address detection and automatic
address detection using 9-bit mode.
The UARTs include a fractional baud rate generator. Standard baud rates such as
115200 Bd can be achieved with any crystal frequency above 2 MHz.
7.16.1 Features
• 16 B Receive and Transmit FIFOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com