Electronic Components Datasheet Search
  English  ▼

X  

LPC1766 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # LPC1766
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC1766 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button LPC1766 Datasheet HTML 45Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 46Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 47Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 48Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 49Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 50Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 51Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 52Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
49 of 70
NXP Semiconductors
LPC1766
Fast communication chip
11.4 JTAG interface
[1]
Parameters are valid over operating temperature range unless otherwise specified.
11.5 I2C-bus
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[3]
Bus capacitance Cb in pF, from 10 pF to 400 pF.
Table 12.
Dynamic characteristics of the JTAG clock source
Tamb = −40 °C to +85 °C for commercial applications; VDD(3V3) over specified ranges.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fTCK
TCK input frequency
-
-
CCLK
⁄
6
MHz
Table 13.
Dynamic characteristic: I2C-bus pins
Tamb = −40 °C to +85 °C for industrial applications; VDD(3V3) over specified ranges.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
I2C-bus pins (P0[27] and P0[28])
tf(o)
output fall time
VIH to VIL
20 + 0.1
× C
b
[3]
--
ns
tr
rise time
<tbd>
<tbd>
<tbd>
tf
fall time
<tbd>
<tbd>
<tbd>
tBUF
bus free time between a STOP and
START condition
-
<tbd>
<tbd>
<tbd>
tLOW
LOW period of the SCL clock
-
<tbd>
<tbd>
<tbd>
tHD;STA
hold time (repeated) START
condition
-
<tbd>
<tbd>
<tbd>
tHIGH
HIGH period of the SCL clock
-
<tbd>
<tbd>
<tbd>
tSU;DAT
data set-up time
-
<tbd>
<tbd>
<tbd>
tSU;STA
set-up time for a repeated START
condition
-
<tbd>
<tbd>
<tbd>
tSU;STO
set-up time for STOP condition
-
<tbd>
<tbd>
<tbd>
Fig 17. I2C-bus pins clock timing
P
SS
P
002aad985
tHD;STA
tBUF
tHD;STA
tSU;STA
tSU;DAT
tf
tHIGH
tSU;STO
tr
tHD;STA
tLOW
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com