Electronic Components Datasheet Search
  English  ▼

X  

LPC1766 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # LPC1766
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC1766 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button LPC1766 Datasheet HTML 36Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 37Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 38Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 39Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 40Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 41Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 42Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 43Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
40 of 70
NXP Semiconductors
LPC1766
Fast communication chip
IREGact(3V3)
active mode voltage
regulator supply current
(3.3 V)
VREG(3V3) =3.3 V;
Tamb =25 °C; code
while(1){}
executed from flash; all
peripherals enabled;
CCLK = 10 MHz
-
<tbd>
-
mA
CCLK = 80 MHz
-
<tbd>
-
mA
IREGsleep(3V3)
sleep mode voltage
regulator supply current
(3.3 V)
VREG(3V3) = 3.3 V;
Tamb =25 °C
-<tbd>
-
μA
IREGdsleep(3V3)
deep sleep mode
voltage regulator supply
current (3.3 V)
VREG(3V3) = 3.3 V;
Tamb =25 °C
-<tbd>
-
μA
IREGpd(3V3)
power-down mode
voltage regulator supply
current (3.3 V)
VREG(3V3) = 3.3 V;
Tamb =25 °C
-<tbd>
-
μA
IREGdpd(3V3)
deep power-down
mode voltage regulator
supply current (3.3 V)
VREG(3V3) = 3.3 V;
Tamb =25 °C
-<tbd>
-
μA
IBATact
active mode battery
supply current; RTC
running
VREG(3V3) present
[8] -0.8
-
μA
VREG(3V3) not present
[8] -
< 0.8
-
μA
I2C-bus pins (P0[27] and P0[28])
VIH
HIGH-level input
voltage
0.7VDD(3V3) --V
VIL
LOW-level input voltage
-
-
0.3VDD(3V3) V
Vhys
hysteresis voltage
-
0.5VDD(3V3) -V
VOL
LOW-level output
voltage
IOLS =3 mA
[6] --0.4
V
ILI
input leakage current
VI =VDD(3V3)
[9] -2
4
μA
VI =5V
-
10
22
μA
Oscillator pins
Vi(XTAL1)
input voltage on pin
XTAL1
0-
1.8
V
Vo(XTAL2)
output voltage on pin
XTAL2
0-
1.8
V
Vi(RTCX1)
input voltage on pin
RTCX1
0-
1.8
V
Vo(RTCX2)
output voltage on pin
RTCX2
0-
1.8
V
Table 6.
Static characteristics …continued
Tamb = −40 °C to +85 °C for industrial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com