Electronic Components Datasheet Search
  English  ▼

X  

LPC1766 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # LPC1766
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC1766 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button LPC1766 Datasheet HTML 53Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 54Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 55Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 56Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 57Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 58Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 59Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 60Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
57 of 70
NXP Semiconductors
LPC1766
Fast communication chip
11.11 I2S-interface
Table 19.
Dynamic characteristics: I2S-interface pins
Tamb = −40 °C to +85 °C for industrial applications
Symbol
Parameter
Min
Typ
Max
Unit
Tcy
cycle time
<tbd>
<tbd>
<tbd>
<tbd>
tf
rise time
<tbd>
<tbd>
<tbd>
<tbd>
tr
fall time
<tbd>
<tbd>
<tbd>
<tbd>
tWH
pulse width HIGH
<tbd>
<tbd>
<tbd>
<tbd>
tWL
pulse width LOW
<tbd>
<tbd>
<tbd>
<tbd>
tV1
<tbd>
<tbd>
<tbd>
<tbd>
tV2
<tbd>
<tbd>
<tbd>
<tbd>
Fig 27. I2S-bus timing (output)
Fig 28. I2S-bus timing (input)
002aad992
I2STX_SCK
I2STX_SDA
I2STX_WS
Tcy
tf
tr
tWH
tWL
tV1
tV2
002aad993
I2SRX_SCK
I2SRX_SDA
I2SRX_WS
Tcy
tf
tr
tWH
tsu1
th1
tsu2
th2
tWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com