Electronic Components Datasheet Search
  English  ▼

X  

LPC1766 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # LPC1766
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC1766 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button LPC1766 Datasheet HTML 39Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 40Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 41Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 42Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 43Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 44Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 45Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 46Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
43 of 70
NXP Semiconductors
LPC1766
Fast communication chip
Conditions: active mode entered executing code from flash; core voltage 2.7 V; all peripherals
enabled but not configured to run.
Fig 8.
IREGact(3V3) at different temperatures (active mode)
Conditions: active mode entered executing code from flash; Tamb = 25 °C; RTC running;
Fig 9.
IBATact for different core voltages (active mode)
Table 7.
Typical peripheral current consumption
Core voltage 3.3 V; Tamb =25 °C; all measurements in μA; PCLK = CCLK⁄8; all peripherals enabled.
Peripheral
CCLK = 12 MHz
CCLK = 80 MHz
active mode
sleep mode
active mode
sleep mode
Timer0
<tbd>
<tbd>
<tbd>
<tbd>
Timer1
<tbd>
<tbd>
<tbd>
<tbd>
Timer2
<tbd>
<tbd>
<tbd>
<tbd>
Timer3
<tbd>
<tbd>
<tbd>
<tbd>
temperature (
°C)
−40
85
60
10
35
−15
002aad952
20
10
30
40
IREGact
(mA)
0
10 MHz
45 MHz
80 MHz
tbd
VREG(3V3) (V)
2.4
3.6
3.2
2.8
002aad953
0.8
0.7
0.9
1
IBATact
(
μA)
0.6
tbd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com