Electronic Components Datasheet Search
  English  ▼

X  

LPC1766 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # LPC1766
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC1766 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button LPC1766 Datasheet HTML 54Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 55Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 56Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 57Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 58Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 59Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 60Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 61Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
58 of 70
NXP Semiconductors
LPC1766
Fast communication chip
12. ADC electrical characteristics
[1]
Conditions: VSSA =0V, VDDA =3.3 V.
[2]
The ADC is monotonic, there are no missing codes.
[3]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width. See Figure 29.
[4]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 29.
[5]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the
ideal curve. See Figure 29.
[6]
The gain error (EG) is the relative difference in percent between the straight line fitting the actual transfer curve after removing offset
error, and the straight line which fits the ideal transfer curve. See Figure 29.
[7]
The absolute error (ET) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated
ADC and the ideal transfer curve. See Figure 29.
[8]
See Figure 30.
Table 20.
ADC characteristics
VDDA = 2.7 V to 3.6 V; Tamb = −40 °C to +85 °C unless otherwise specified; ADC frequency 4.5 MHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0
-
VDDA
V
Cia
analog input capacitance
-
-
<tbd>
pF
ED
differential linearity error
[1][2][3] -2
<tbd>
LSB
EL(adj)
integral non-linearity
[1][4] -1
<tbd>
LSB
EO
offset error
[1][5] -
-
<tbd>
LSB
EG
gain error
[1][6] --<tbd>
%
ET
absolute error
[1][7] -
-
<tbd>
LSB
Rvsi
voltage source interface
resistance
[8] --<tbd>
k
Ω
SRin
input slew rate
<tbd>
<tbd>
<tbd>
V/ms
Tcy(ADC)
ADC clock cycle
<tbd>
<tbd>
<tbd>
ns
tADC
conversion time
<tbd>
<tbd>
<tbd>
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com