Electronic Components Datasheet Search
  English  ▼

X  

LPC1766 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LPC1766
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC1766 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LPC1766 Datasheet HTML 1Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 2Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 3Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 4Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 5Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 6Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 7Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 8Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
1.
General description
The LPC1766 is an ARM Cortex-M3 based microcontroller for embedded applications
featuring a high level of integration and low power consumption. The ARM Cortex-M3 is a
next generation core that offers system enhancements such as enhanced debug features
and a higher level of support block integration.
The LPC1766 operates at CPU frequencies of up to 80 MHz. The ARM Cortex-M3 CPU
incorporates a 3-stage pipeline and uses a Harvard architecture with separate local
instruction and data buses as well as a third bus for peripherals. The ARM Cortex-M3
CPU also includes an internal prefetch unit that supports speculative branching.
The peripheral complement of the LPC1766 includes 256 kB of flash memory, 64 kB of
data memory, Ethernet MAC, USB Device/Host/OTG interface, 8-channel general
purpose DMA controller, 4 UARTs, 2 CAN channels, 2 SSP controllers, SPI interface, 3
I2C interfaces, 2-input plus 2-output I2S interface, 8 channel 12-bit ADC, 10-bit DAC,
motor control PWM, Quadrature Encoder interface, 4 general purpose timers, 6-output
general purpose PWM, ultra-low power RTC with separate battery supply, and up to 70
general purpose I/O pins.
The LPC1766 is pin-compatible to the LPC2366 ARM7-based microcontroller.
2.
Features
ARM Cortex-M3 processor, running at frequencies of up to 80 MHz. A Memory
Protection Unit (MPU) supporting eight regions is included.
ARM Cortex-M3 built-in Nested Vectored Interrupt Controller (NVIC).
256 kB on-chip flash programmimg memory. Enhanced flash memory accelerator
enables high-speed 80 MHz operation with zero wait states.
In-System Programming (ISP) and In-Application Programming (IAP) via on-chip boot
loader software.
64 kB on-chip SRAM includes:
32 kB of SRAM on the CPU with local code/data bus for high-performance CPU
access.
Two 16 kB SRAM blocks with separate access paths for higher throughput. These
SRAM blocks may be used for Ethernet, USB, and DMA memory, as well as for
general purpose CPU instruction and data storage.
LPC1766
32-bit ARM Cortex-M3 microcontroller; 256 kB flash and 64 kB
SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN, 12-bit
ADC, and 10-bit DAC
Rev. 00.02 — 12 August 2008
Objective data sheet


Similar Part No. - LPC1766

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1766 PHILIPS-LPC1766 Datasheet
311Kb / 72P
32-bit ARM Cortex-M3 microcontroller up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 02-11 February 2009
LPC1766 NXP-LPC1766 Datasheet
1Mb / 66P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-1 February 2010
LPC1766 NXP-LPC1766 Datasheet
144Kb / 2P
Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
LPC1766 NXP-LPC1766 Datasheet
762Kb / 79P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
LPC1766 NXP-LPC1766 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
More results

Similar Description - LPC1766

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC178X NXP-LPC178X Datasheet
1Mb / 117P
32-bit ARM Cortex-M3 microcontroller
Rev. 2-27 May 2011
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251 Datasheet
851Kb / 35P
32-bit Microcontroller with ARM Cortex-M3 Core
May 27, 2011
logo
NXP Semiconductors
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
logo
TALEMA Group. LLC
M054LAN TALEMA-M054LAN Datasheet
1Mb / 64P
ARM Cortex??M0 32-BIT MICROCONTROLLER
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
M0516ZAN ETC2-M0516ZAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com