Electronic Components Datasheet Search
  English  ▼

X  

LPC1766 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # LPC1766
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC1766 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button LPC1766 Datasheet HTML 44Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 45Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 46Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 47Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 48Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 49Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 50Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 51Page - List of Unclassifed Manufacturers LPC1766 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
48 of 70
NXP Semiconductors
LPC1766
Fast communication chip
11.3 Internal RC oscillator
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
Table 11.
Dynamic characteristic: internal RC oscillator
Tamb = −40 °C to +85 °C for industrial applications; VDD(3V3) over specified ranges.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(IRC)
IRC oscillator frequency
-
<tbd>
<tbd>
<tbd>
MHz
fosc(RTC)
RTC oscillator frequency
-
<tbd>
<tbd>
<tbd>
MHz
conditions: <tbd>
Fig 15. Internal RC oscillator frequency vs. temperature
conditions: <tbd>
Fig 16. Internal RC oscillator frequency vs. core voltage
temperature (
°C)
−40
85
60
10
35
−15
002aad983
4
4.1
foscIRC
(MHz)
3.9
tbd
core coltage VREG(3V3) (V)
2.4
3.6
002aad984
4
4.1
foscIRC
(MHz)
3.9
tbd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com