Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 101 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 101 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 97Page - Lattice Semiconductor ECP2 Datasheet HTML 98Page - Lattice Semiconductor ECP2 Datasheet HTML 99Page - Lattice Semiconductor ECP2 Datasheet HTML 100Page - Lattice Semiconductor ECP2 Datasheet HTML 101Page - Lattice Semiconductor ECP2 Datasheet HTML 102Page - Lattice Semiconductor ECP2 Datasheet HTML 103Page - Lattice Semiconductor ECP2 Datasheet HTML 104Page - Lattice Semiconductor ECP2 Datasheet HTML 105Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 386 page
background image
3-49
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Switching Test Conditions
Figure 3-23 shows the output test load that is used for AC testing. The specific values for resistance, capacitance,
voltage, and other test conditions are shown in Table 3-18.
Figure 3-22. Output Test Load, LVTTL and LVCMOS Standards
Table 3-18. Test Fixture Required Components, Non-Terminated Interfaces
Test Condition
R1
R2
CL
Timing Ref.
VT
LVTTL and other LVCMOS settings (L -> H, H -> L)
∞∞
0pF
LVCMOS 3.3 = 1.5V
—
LVCMOS 2.5 = VCCIO/2
—
LVCMOS 1.8 = VCCIO/2
—
LVCMOS 1.5 = VCCIO/2
—
LVCMOS 1.2 = VCCIO/2
—
LVCMOS 2.5 I/O (Z -> H)
∞
1MΩ
VCCIO/2
—
LVCMOS 2.5 I/O (Z -> L)
1MΩ
∞
VCCIO/2
VCCIO
LVCMOS 2.5 I/O (H -> Z)
∞
100
VOH - 0.10
—
LVCMOS 2.5 I/O (L -> Z)
100
∞
VOL + 0.10
VCCIO
Note: Output test conditions for all other interfaces are determined by the respective standards.
DUT
VT
R1
R2
CL*
Test Poi nt
*CL Includes Test Fixture and Probe Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com