Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 135Page - Renesas Technology Corp 4518 Datasheet HTML 136Page - Renesas Technology Corp 4518 Datasheet HTML 137Page - Renesas Technology Corp 4518 Datasheet HTML 138Page - Renesas Technology Corp 4518 Datasheet HTML 139Page - Renesas Technology Corp 4518 Datasheet HTML 140Page - Renesas Technology Corp 4518 Datasheet HTML 141Page - Renesas Technology Corp 4518 Datasheet HTML 142Page - Renesas Technology Corp 4518 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 160 page
background image
Skip condition
Datailed description
Rev.3.01
2005.06.15
page 139 of 157
REJ03B0008-0301
4518 Group
Skips the next instruction when the contents of bit 2 (V12) of interrupt control register V1 is “0” and the con-
tents of T1F flag is “1.” After skipping, clears (0) to T1F flag.
Skips the next instruction when the contents of bit 3 (V13) of interrupt control register V1 is “0” and the con-
tents of T2F flag is “1.” After skipping, clears (0) to T2F flag.
Skips the next instruction when the contents of bit 0 (V20) of interrupt control register V2 is “0” and the con-
tents of T3F flag is “1.” After skipping, clears (0) to T3F flag.
Skips the next instruction when the contents of bit 1 (V21) of interrupt control register V2 is “0” and the con-
tents of T4F flag is “1.” After skipping, clears (0) to T4F flag.
Transfers the input of port P0 to register A.
Outputs the contents of register A to port P0.
Transfers the input of port P1 to register A.
Outputs the contents of register A to port P1.
Transfers the input of port P2 to register A.
Outputs the contents of register A to port P2.
Transfers the input of port P3 to register A.
Outputs the contents of register A to port P3.
Transfers the input of port P6 to register A.
Outputs the contents of register A to port P6.
Sets (1) to all port D.
Clears (0) to a bit of port D specified by register Y.
Sets (1) to a bit of port D specified by register Y.
Skips the next instruction when a bit of port D specified by register Y is “0.” Executes the next instruction
when a bit of port D specified by register Y is “1.”
Transfers the contents of pull-up control register PU0 to register A.
Transfers the contents of register A to pull-up control register PU0.
Transfers the contents of pull-up control register PU1 to register A.
Transfers the contents of register A to pull-up control register PU1.
V12 = 0: (T1F) = 1
V13 = 0: (T2F) =1
V20 = 0: (T3F) = 1
V21 = 0: (T4F) =1
–
–
–
–
–
–
–
–
–
–
–
–
–
(D(Y)) = 0
However, (Y)=0 to 7
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com