Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 137Page - Renesas Technology Corp 4518 Datasheet HTML 138Page - Renesas Technology Corp 4518 Datasheet HTML 139Page - Renesas Technology Corp 4518 Datasheet HTML 140Page - Renesas Technology Corp 4518 Datasheet HTML 141Page - Renesas Technology Corp 4518 Datasheet HTML 142Page - Renesas Technology Corp 4518 Datasheet HTML 143Page - Renesas Technology Corp 4518 Datasheet HTML 144Page - Renesas Technology Corp 4518 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 160 page
background image
Skip condition
Datailed description
Rev.3.01
2005.06.15
page 141 of 157
REJ03B0008-0301
4518 Group
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
V23 = 0: (SIOF) = 1
–
–
–
–
–
–
–
–
Transfers the contents of key-on wakeup control register K0 to register A.
Transfers the contents of register A to key-on wakeup control register K0 .
Transfers the contents of key-on wakeup control register K1 to register A.
Transfers the contents of register A to key-on wakeup control register K1.
Transfers the contents of key-on wakeup control register K2 to register A.
Transfers the contents of register A to key-on wakeup control register K2.
Transferts the contents of register A to port output format control register FR0.
Transferts the contents of register A to port output format control register FR1.
Transferts the contents of register A to port output format control register FR2.
Transfers the high-order 4 bits of serial I/O register SI to register B, and transfers the low-order 4 bits of se-
rial I/O register SI to register A.
Transfers the contents of register B to the high-order 4 bits of serial I/O register SI, and transfers the con-
tents of register A to the low-order 4 bits of serial I/O register SI.
Clears (0) to SIOF flag and starts serial I/O.
Skips the next instruction when the contents of bit 3 (V23) of interrupt control register V2 is “0” and contents
of SIOF flag is “1.” After skipping, clears (0) to SIOF flag.
Transfers the contents of serial I/O control register J1 to register A.
Transfers the contents of register A to serial I/O control register J1.
Selects the ceramic resonator for main clock f(XIN).
Selects the RC oscillation circuit for main clock f(XIN).
Selects the quartz-crystal oscillation circuit for main clock f(XIN).
Transfers the contents of clock control regiser RG to register A.
Transfers the contents of clock control regiser MR to register A.
Transfers the contents of register A to clock control register MR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com