Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 136Page - Renesas Technology Corp 4518 Datasheet HTML 137Page - Renesas Technology Corp 4518 Datasheet HTML 138Page - Renesas Technology Corp 4518 Datasheet HTML 139Page - Renesas Technology Corp 4518 Datasheet HTML 140Page - Renesas Technology Corp 4518 Datasheet HTML 141Page - Renesas Technology Corp 4518 Datasheet HTML 142Page - Renesas Technology Corp 4518 Datasheet HTML 143Page - Renesas Technology Corp 4518 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 160 page
background image
Parameter
Instruction code
Function
Mnemonic
Type of
instructions
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
Rev.3.01
2005.06.15
page 140 of 157
REJ03B0008-0301
4518 Group
TAK0
TK0A
TAK1
TK1A
TAK2
TK2A
TFR0A
TFR1A
TFR2A
TABSI
TSIAB
SST
SNZSI
TAJ1
TJ1A
CMCK
CRCK
CYCK
TRGA
TAMR
TMRA
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
25 6
21 B
25 9
21 4
25 A
21 5
22 8
22 9
22 A
27 8
23 8
29 E
28 8
24 2
20 2
29 A
29 B
29 D
20 9
25 2
21 6
1001010110
1000011011
1001011001
1000010100
1001011010
1000010101
1000101000
1000101001
1000101010
1001111000
1000111000
1010011110
1010001000
1001000010
1000000010
1010011010
1010011011
1010011101
1000001001
1001010010
1000010110
(A)
← (K0)
(K0)
← (A)
(A)
← (K1)
(K1)
← (A)
(A)
← (K2)
(K2)
← (A)
(FR0)
← (A)
(FR1)
← (A)
(FR2)
← (A)
(B)
← (SI7–SI4) (A) ← (SI3–SI0)
(SI7–SI4)
← (B) (SI3–SI0) ← (A)
(SIOF)
← 0
Serial I/O starting
V23=0: (SIOF)=1?
After skipping, (SIOF)
← 0 V23 = 1: NOP
(A)
← (J1)
(J1)
← (A)
Ceramic resonator selected
RC oscillator selected
Quartz-crystal oscillator selected
(RG0)
← (A0)
(A)
← (MR)
(MR)
← (A)
MACHINE INSTRUCTIONS (INDEX BY TYPES) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com