Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 139Page - Renesas Technology Corp 4518 Datasheet HTML 140Page - Renesas Technology Corp 4518 Datasheet HTML 141Page - Renesas Technology Corp 4518 Datasheet HTML 142Page - Renesas Technology Corp 4518 Datasheet HTML 143Page - Renesas Technology Corp 4518 Datasheet HTML 144Page - Renesas Technology Corp 4518 Datasheet HTML 145Page - Renesas Technology Corp 4518 Datasheet HTML 146Page - Renesas Technology Corp 4518 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 160 page
background image
Skip condition
Datailed description
Rev.3.01
2005.06.15
page 143 of 157
REJ03B0008-0301
4518 Group
–
–
–
–
V22 = 0: (ADF) = 1
–
–
–
–
–
–
–
–
–
(P) = 1
(WDF1) = 1
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
In the A/D conversion mode (Q13 = 0), transfers the high-order 4 bits (AD9–AD6) of register AD to register
B, and the middle-order 4 bits (AD5–AD2) of register AD to register A.
In the comparator mode (Q13 = 1), transfers the middle-order 4 bits (AD7–AD4) of register AD to register B,
and the low-order 4 bits (AD3–AD0) of register AD to register A.
(Q13: bit 3 of A/D control register Q1)
Transfers the low-order 2 bits (AD1, AD0) of register AD to the high-order 2 bits (AD3, AD2) of register A.
In the comparator mode (Q13 = 1), transfers the contents of register B to the high-order 4 bits (AD7–AD4) of
comparator register, and the contents of register A to the low-order 4 bits (AD3–AD0) of comparator register.
(Q13 = bit 3 of A/D control register Q1)
Clears (0) to A/D conversion completion flag ADF, and the A/D conversion at the A/D conversion mode (Q13
= 0) or the comparator operation at the comparator mode (Q13 = 1) is started.
(Q13 = bit 3 of A/D control register Q1)
When V22 = 0 : Skips the next instruction when A/D conversion completion flag ADF is “1.” After skipping,
clears (0) to the ADF flag. When the ADF flag is “0,” executes the next instruction. (V22: bit 2 of interrupt con-
trol register V2)
Transfers the contents of A/D control register Q1 to register A.
Transfers the contents of register A to A/D control register Q1.
Transfers the contents of A/D control register Q2 to register A.
Transfers the contents of register A to A/D control register Q2.
Transfers the contents of A/D control register Q3 to register A.
Transfers the contents of register A to A/D control register Q3.
No operation; Adds 1 to program counter value, and others remain unchanged.
Puts the system in RAM back-up state by executing the POF instruction after executing the EPOF instruction.
Makes the immediate after POF instruction valid by executing the EPOF instruction.
Skips the next instruction when the P flag is “1”.
After skipping, the P flag remains unchanged.
Skips the next instruction when watchdog timer flag WDF1 is “1.” After skipping, clears (0) to the WDF1 flag.
Also, stops the watchdog timer function when executing the WRST instruction immediately after the DWDT
instruction.
Stops the watchdog timer function by the WRST instruction after executing the DWDT instruction.
System reset occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com