Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 7512 Datasheet HTML 35Page - Renesas Technology Corp 7512 Datasheet HTML 36Page - Renesas Technology Corp 7512 Datasheet HTML 37Page - Renesas Technology Corp 7512 Datasheet HTML 38Page - Renesas Technology Corp 7512 Datasheet HTML 39Page - Renesas Technology Corp 7512 Datasheet HTML 40Page - Renesas Technology Corp 7512 Datasheet HTML 41Page - Renesas Technology Corp 7512 Datasheet HTML 42Page - Renesas Technology Corp 7512 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
Feb 18, 2005
page 39 of 85
REJ03B0122-0101
7512 Group
PULSE WIDTH MODULATION (PWM)
The 7512 Group has a PWM function with an 8-bit resolution,
based on a signal that is the clock input XIN or that clock input di-
vided by 2.
Data Setting
The PWM output pin also functions as port P44 or port P07. The
PWM output pin can be selected to either port P44/PWM0 or port
P07/PWM1 by bit 2 (PWM output pin selectoin bit) of the PWM
control register. Set the PWM period by the PWM prescaler, and
set the “H” term of output pulse by the PWM register.
If the value in the PWM prescaler is n and the value in the PWM
register is m (where n = 0 to 255 and m = 0 to 255) :
PWM period = 255 ✕ (n+1) / f(XIN)
= 63.75 ✕ (n+1)
µs
(when f(XIN) = 4 MHz)
Output pulse “H” term = PWM period ✕ m / 255
= 0.25 ✕ (n+1) ✕ m
µs
(when f(XIN) = 4 MHz)
Fig. 40 Timing of PWM period
Fig. 41 Block diagram of PWM function
PWM Operation
When bit 0 (PWM enable bit) of the PWM control register is set to
“1”, operation starts by initializing the PWM output circuit, and
pulses are output starting at an “H”.
If the PWM register or PWM prescaler is updated during PWM
output, the pulses will change in the cycle after the one in which
the change was made.
63.75 ✕ m ✕ (n+1)
255
T = [63.75 ✕ (n+1)]
PWM output
m: Contents of PWM register
n : Contents of PWM prescaler
T : PWM period (when f(XIN) = 4 MHz
µs
µs
PWM
prescaler pre-latch
PWM
register pre-latch
Transfer control circuit
PWM
prescaler latch
PWM prescaler
PWM register
1/2
XIN
PWM enable bit
PWM register latch
Data bus
"1"
"0"
Count source
selection bit
Port P44 latch
PortP44/PWM0
PortP07/PWM1
PWM output pin selection bit
Port P07 latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com